Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8008 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST8008 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST8008
Download  ST8008 Download
File Size   376.69 Kbytes
Page   21 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 80 Output LCD Segment Driver IC

ST8008 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST8008 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST8008
Download  ST8008 Click to download

File Size   376.69 Kbytes
Page   21 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 80 Output LCD Segment Driver IC

ST8008 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST8008 Product details

DESCRIPTION
The ST8008 is a 80-output segment driver IC suitable for driving small/medium scale dot matrix LCD panels, and is used in PDA or electronic dictionary. The ST8008 is good as a segment driver, and it can create a low power consuming, high-resolution LCD.

FEATURES
• Number of LCD drive outputs: 80
• Supply voltage for LCD drive: Max +16V
• Supply voltage for the logic system: +2.5 to +5.5 V
• Low power consumption
• Package: 96-pin COB. (Segment mode)
• Shift clock frequency
   - 20 MHz (MAX.): VDD = +5.0 ± 0.5 V
   - 15 MHz (MAX.): VDD = +3.0 to + 4.5 V
   - 12 MHz (MAX.): VDD = +2.5 to + 3.0 V
• Adopts a data bus system
• 4-bit parallel / serial input modes are selectable with a mode (P/S) pin
• Automatic transfer function of an enable signal
• Automatic counting function which, in the chip selection mode, causes the internal clock to be stopped by automatically counting 80 bits of input data
• Line latch circuits are reset when XDISPOFF active




Similar Part No. - ST8008

ManufacturerPart #DatasheetDescription
logo
Seagate Technology LLC
ST8000VX004 SEAGATE-ST8000VX004 Datasheet
222Kb / 5P
Smart. Safe. Secure. Surveillance-Specialized Storage
ST8000VX010 SEAGATE-ST8000VX010 Datasheet
222Kb / 5P
Smart. Safe. Secure. Surveillance-Specialized Storage
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
SMARTCARD INTERFACE
Mar-2004
ST8004CD STMICROELECTRONICS-ST8004CD Datasheet
681Kb / 19P
SMARTCARD INTERFACE
Mar-2004
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
681Kb / 19P
SMARTCARD INTERFACE
Mar-2004
More results


Similar Description - ST8008

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH1514 SHARP-LH1514 Datasheet
987Kb / 20P
80 OUTPUT LCD SEGMENT DRIVER
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
160 output LCD Segment/Common Driver IC
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
80 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
240-output LCD Segment/Common Driver IC
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
240-output LCD Segment Driver IC
logo
Sitronix Technology Co....
ST8009 SITRONIX-ST8009 Datasheet
657Kb / 43P
96 Output LCD Common/ Segment Driver IC
ST8011 SITRONIX-ST8011 Datasheet
306Kb / 20P
120 Output LCD Segment driver IC
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
120 Output LCD Common/Segment driver IC
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
160 Output LCD Common/ Segment Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com