Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEL12H24 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEL12H24
Description  Electronic switch for 12 V, 5 V and 3.3 V buses
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEL12H24 Datasheet(HTML) 3 Page - STMicroelectronics

  STEL12H24 Datasheet HTML 1Page - STMicroelectronics STEL12H24 Datasheet HTML 2Page - STMicroelectronics STEL12H24 Datasheet HTML 3Page - STMicroelectronics STEL12H24 Datasheet HTML 4Page - STMicroelectronics STEL12H24 Datasheet HTML 5Page - STMicroelectronics STEL12H24 Datasheet HTML 6Page - STMicroelectronics STEL12H24 Datasheet HTML 7Page - STMicroelectronics STEL12H24 Datasheet HTML 8Page - STMicroelectronics STEL12H24 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2
Pin configuration
Figure 2. Pin connection (top view)
Table 1. Pin description
Pin #
Symbol
Function
1
VIN
MOSFET drain, to be connected to the thermal pad.
2
EN
Enable pin. When High the MOSFET is turned on. This pin has internal pull
down resistor to GND.
3
VCC
Supply voltage for the control logic.
4
GND
Ground
5
SR
Slew rate control. Connect a capacitor with a nominal value between 100
nF and 1 µF.
6
PG
Open drain Power Good pin. High when the MOSFET gate is fully
charged.
7
BLEED
Load discharge connection. To be connected to VOUT directly or through
an external resistor.
8
VOUT
Source of the MOSFET. To be connected to the load.
9
10
11
12
Thermal Pad
VIN
MOSFET drain.
STEL12H24
Pin configuration
DS13821 - Rev 1
page 3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com