Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEL12H24 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STEL12H24
Description  Electronic switch for 12 V, 5 V and 3.3 V buses
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEL12H24 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STEL12H24 Datasheet HTML 9Page - STMicroelectronics STEL12H24 Datasheet HTML 10Page - STMicroelectronics STEL12H24 Datasheet HTML 11Page - STMicroelectronics STEL12H24 Datasheet HTML 12Page - STMicroelectronics STEL12H24 Datasheet HTML 13Page - STMicroelectronics STEL12H24 Datasheet HTML 14Page - STMicroelectronics STEL12H24 Datasheet HTML 15Page - STMicroelectronics STEL12H24 Datasheet HTML 16Page - STMicroelectronics STEL12H24 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Figure 11. Supply current vs. VIN
0
50
100
150
200
250
300
350
0
2
4
6
8
10
12
14
VIN Operating Input voltage [V]
VCC = 3.3 V
VCC = 5 V
VCC = 12 V
Figure 12. Supply current vs. VCC
0
50
100
150
200
250
300
350
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
VCC Operating supply voltage [V]
VIN = 1.8 V
VIN = 12 V
Figure 13. Supply current vs. temperature
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
VCC = 3.3 V VIN = 12 V
VCC = 5.5 V VIN = 1.8 V
VCC = 12 V VIN = 1.8 V
Figure 14. Rb vs. temperature
50
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
VIN = 0.5 V
VIN = 1.8 V
Figure 15. BLEED leakage current vs. temperature
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
VIN = 3.3 V
VIN = 5 V
VIN = 12 V
Figure 16. BLEED leakage current vs. VIN
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
Input Voltage [V]
VCC = 3 V
VCC = 3.3 V
VCC = 5 V
VCC = 12 V
VCC = 18 V
V
IN
STEL12H24
Typical characteristics
DS13821 - Rev 1
page 13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com