Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEL12H24 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STEL12H24
Description  Electronic switch for 12 V, 5 V and 3.3 V buses
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEL12H24 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STEL12H24 Datasheet HTML 17Page - STMicroelectronics STEL12H24 Datasheet HTML 18Page - STMicroelectronics STEL12H24 Datasheet HTML 19Page - STMicroelectronics STEL12H24 Datasheet HTML 20Page - STMicroelectronics STEL12H24 Datasheet HTML 21Page - STMicroelectronics STEL12H24 Datasheet HTML 22Page - STMicroelectronics STEL12H24 Datasheet HTML 23Page - STMicroelectronics STEL12H24 Datasheet HTML 24Page - STMicroelectronics STEL12H24 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
9
Ordering information
Table 9. Order codes
Order code
Package
Marking
STEL12H24PUR
DFN12 (3 x 3 mm)
EL24H
STEL12H24
Ordering information
DS13821 - Rev 1
page 21/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com