Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF512PUR Datasheet (PDF) - STMicroelectronics

STEF512PUR Datasheet PDF - STMicroelectronics
Part # STEF512PUR
Download  STEF512PUR Download
File Size   1846.85 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual electronic fuse (eFuse) for 5 V and 12 V rails

STEF512PUR Datasheet (PDF)

Go To PDF Page Download Datasheet
STEF512PUR Datasheet PDF - STMicroelectronics

Part # STEF512PUR
Download  STEF512PUR Click to download

File Size   1846.85 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual electronic fuse (eFuse) for 5 V and 12 V rails

STEF512PUR Datasheet (HTML) - STMicroelectronics


STEF512PUR Product details

Features
• 5 V and 12 V channels into one chip
• Output over voltage clamp
• Fixed current limit : 3 A on 5 V, 4 A on 12 V
• Latched-off thermal protection
• Input undervoltage lockout
• Adjustable output voltage slew rate for each channel
• Integrated 40 mΩ Power FETs
• SAS disable pin
• Current monitor output
• QFN10-2x3 package

Applications
• HD and SSD drives
• Set-top boxes
• DVD and Blu-ray disc drivers

Description
The STEF512PUR is an integrated dual electronic eFuse, designed to protect
circuitry on the output from overcurrent and overvoltage events, in those applications
requiring hot swap operation and in-rush current control.
The device embeds two independent electronic fuses, one for the 5 V rails and one
for the 12 V rails. Thanks to the very low ON-resistance of the integrated power
FETs, the voltage drop from the main supply to the load is very low during normal
operation.
The startup time can be adjusted by the user for each eFuse, via two small soft-start
capacitors, connected to the relevant pins.
In this way the inrush current at startup can be kept under control.
The maximum load current is precisely limited, by utilizing a sense FET topology, to
factory-defined values (3 A for 5 V output and 4 A for 12 V output).
The device also provides precise overvoltage clamp for each channel, preventing the
load being damaged from power supply failures, and undervoltage lockout (UVLO),
assuring that the input voltage is above the minimum operating threshold, before the
power device is turned on.
When an overload condition occurs, the STEF512PUR limits the output current to the
predefined safe value. If the anomalous overload condition persists, the device goes
into thermal shutdown, the internal switch is opened and the load disconnected from
the power supply.
In the QFN10 package two current monitor pins are available, providing continuous
information on the load current for each channel.




Similar Part No. - STEF512PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
STEF512SRI STMICROELECTRONICS-STEF512SRI Datasheet
2Mb / 28P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
14-Feb-2023
STEF512SRIPUR STMICROELECTRONICS-STEF512SRIPUR Datasheet
2Mb / 28P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
14-Feb-2023
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
31-Jan-2022
STEF512SRXCPUR STMICROELECTRONICS-STEF512SRXCPUR Datasheet
3Mb / 27P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
31-Jan-2022
More results


Similar Description - STEF512PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
logo
List of Unclassifed Man...
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
logo
STMicroelectronics
STEF4S STMICROELECTRONICS-STEF4S Datasheet
641Kb / 22P
Electronic fuse for 3.3 V and 5 V lines
02-Dec-2014
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
STEF512SRI STMICROELECTRONICS-STEF512SRI Datasheet
2Mb / 28P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
14-Feb-2023
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
31-Jan-2022
STEF12S STMICROELECTRONICS-STEF12S Datasheet
1Mb / 31P
Electronic fuse for 12 V line
28-Feb-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com