Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12E Datasheet (PDF) - STMicroelectronics

STEF12E Datasheet PDF - STMicroelectronics
Part # STEF12E
Download  STEF12E Download
File Size   2163.43 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electronic fuse for 12 V line

STEF12E Datasheet (PDF)

Go To PDF Page Download Datasheet
STEF12E Datasheet PDF - STMicroelectronics

Part # STEF12E
Download  STEF12E Click to download

File Size   2163.43 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electronic fuse for 12 V line

STEF12E Datasheet (HTML) - STMicroelectronics


STEF12E Product details

Features
• Continuous current typ. 3.6 A
• N-channel on-resistance typ. 45 mΩ
• Enable/fault functions
• Output clamp voltage typ. 15 V
• Undervoltage lockout
• Short-circuit limit
• Overload current limit
• Controlled output voltage ramp
• Thermal latch typ. 165 °C
• Uses tiny capacitors
• Operating junction temp. -40 °C to 125 °C
• Available in DFN10 (3x3 mm) package
• UL2367 Recognized - File N. E468771

Applications
• Hard disk drives
• Solid state drives (SSD)
• Hard disk and SSD arrays
• Set-top boxes
• DVD and Blu-ray disc drivers

Description
The STEF12E is an integrated electronic fuse optimized for monitoring output current
and input voltage. Connected in series to a 12 V rail, it is capable of protecting
the electronic circuitry on its output from overcurrent and overvoltage. The device
has a controlled delay and turn-on time. When an overload condition occurs, the
STEF12E limits the output current to a predefined safe value. If the anomalous
overload condition persists it goes into an open state, disconnecting the load from
the power supply. If a continuous short-circuit is present on the board, when power
is re-applied the E-fuse initially limits the output current to a safe value and then
again goes into an open state. The device is equipped with a thermal protection
circuit. The intervention of the thermal protection is signalled to the board monitoring
circuits through a signal on the Fault pin. Unlike the mechanical fuses, which must
be physically replaced after a single event, the Efuse does not degrade in its
performance after short-circuit/thermal protection interventions and it is reset either
by recycling the supply voltage or using the Enable pin. The companion chip for the 5
V power rails is also available with part number STEF05.




Similar Part No. - STEF12E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
STEF12H60MAPUR STMICROELECTRONICS-STEF12H60MAPUR Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
STEF12H60MPUR STMICROELECTRONICS-STEF12H60MPUR Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
STEF12PUR STMICROELECTRONICS-STEF12PUR Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
More results


Similar Description - STEF12E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF033 STMICROELECTRONICS-STEF033 Datasheet
1Mb / 25P
Electronic fuse for 3.3 V line
28-Jan-2015
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
logo
ON Semiconductor
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
12 Volt Electronic Fuse
July, 2019 ??Rev. 3
logo
STMicroelectronics
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
logo
ON Semiconductor
NIS6420 ONSEMI-NIS6420 Datasheet
164Kb / 11P
Electronic Fuse, 3 to 12 V
December, 2020 ??Rev. 4
logo
STMicroelectronics
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
Dual electronic fuse (eFuse) for 5 V and 12 V rails
21-Sep-2020
STEF12S STMICROELECTRONICS-STEF12S Datasheet
1Mb / 31P
Electronic fuse for 12 V line
28-Feb-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com