Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF033 Datasheet (PDF) - STMicroelectronics

STEF033 Datasheet PDF - STMicroelectronics
Part # STEF033
Download  STEF033 Download
File Size   1077.9 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electronic fuse for 3.3 V line

STEF033 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEF033 Datasheet PDF - STMicroelectronics

Part # STEF033
Download  STEF033 Click to download

File Size   1077.9 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electronic fuse for 3.3 V line

STEF033 Datasheet (HTML) - STMicroelectronics


STEF033 Product details

Description
The STEF033 is an integrated electronic fuse optimized for monitoring output current and the input voltage. Connected in series to the 3.3 V rail, it is able to protect the electronic circuitry on its output from overcurrent and overvoltage. The STEF033 has controlled delay and turn-on time. When an overload condition occurs, the device limits the output current to a predefined safe value. If the anomalous overload condition persists, it goes into an open state, disconnecting the load from the power supply. If a continuous short-circuit is present on the board, when the power is re-applied the E-fuse initially limits the output current to a safe value and then goes again into the open state. The voltage clamping circuit prevents the output voltage from exceeding a fixed value, if the input voltage goes beyond this threshold. The device is equipped with a thermal protection circuit. Intervention of thermal protection is signaled to the board-monitoring circuits through an appropriate signal on the Fault

Features
■ Continuous current typ.: 3.6 A (DFN), 2.5 A (Flip Chip)
■ N-channel on resistance (typ): 40 mΩ (DFN), 25 mΩ (Flip Chip)
■ Enable/Fault functions
■ Output clamp voltage (typ): 4.5 V
■ Undervoltage lockout
■ Short-circuit limit
■ Overload current limit
■ Controlled output voltage ramp

Applications
■ Hard disk drives
■ Solid state drives (SSD)
■ Hard disk and SSD arrays
■ Computer
■ DVD and Blu-Ray disc drivers




Similar Part No. - STEF033

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF05DPUR STMICROELECTRONICS-STEF05DPUR Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF05PUR STMICROELECTRONICS-STEF05PUR Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
More results


Similar Description - STEF033

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
logo
List of Unclassifed Man...
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
logo
ON Semiconductor
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
NIS5431 ONSEMI-NIS5431 Datasheet
81Kb / 8P
3.3 Volt Electronic Fuse
July, 2016 ??Rev. 5
logo
STMicroelectronics
STEF4S STMICROELECTRONICS-STEF4S Datasheet
641Kb / 22P
Electronic fuse for 3.3 V and 5 V lines
02-Dec-2014
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
logo
ON Semiconductor
NIS6432 ONSEMI-NIS6432_V01 Datasheet
533Kb / 13P
Electronic Fuse, 3.3/5 Volt
November, 2020 ??Rev. 5
logo
STMicroelectronics
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF12S STMICROELECTRONICS-STEF12S Datasheet
1Mb / 31P
Electronic fuse for 12 V line
28-Feb-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com