Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF033 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STEF033
Description  Electronic fuse for 3.3 V line
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF033 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STEF033 Datasheet HTML 6Page - STMicroelectronics STEF033 Datasheet HTML 7Page - STMicroelectronics STEF033 Datasheet HTML 8Page - STMicroelectronics STEF033 Datasheet HTML 9Page - STMicroelectronics STEF033 Datasheet HTML 10Page - STMicroelectronics STEF033 Datasheet HTML 11Page - STMicroelectronics STEF033 Datasheet HTML 12Page - STMicroelectronics STEF033 Datasheet HTML 13Page - STMicroelectronics STEF033 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Typical application
STEF033
10/25
DocID025099 Rev 2
5.1.2
Normal operating condition
The STEF033 E-fuse behaves like a mechanical fuse, buffering the circuitry on its output
with the same voltage shown at its input, with a small voltage fall due to the N-channel
MOSFET RDSOn.
5.1.3
Output voltage clamp
This internal protection circuit clamps the output voltage to a maximum safe value, typically
4.5 V, if the input voltage exceeds this threshold.
5.1.4
Current limiting
When an overload event occurs, the current limiting circuit reduces the conductivity of the
power MOSFET, in order to clamp the output current at the value selected externally by
means of the limiting resistor RLimit (Figure 3).
5.1.5
Thermal shutdown and Auto-retry function
If the device temperature exceeds the thermal latch threshold, typically 160 °C, the thermal
shutdown circuitry turns the power MOSFET off, thus disconnecting the load. The EN/Fault
pin of the device is automatically set to an intermediate voltage, in order to signal the
overtemperature event.
The STEF033 latch version can be reset from this condition either by cycling the supply
voltage or by pulling down the EN pin below the Vil threshold and then releasing it.
On the STEF033A auto-retry version, the power MOSFET will remain in an OFF state until
the die temperature drops below the hysteresis value. Once this happens, the internal auto-
retry circuit attempts to reset the device, pulling up the EN/Fault pin to the operative value.
5.2
RLimit calculation
As shown in Figure 1 the device uses an internal N-channel Sense FET with a fixed ratio, to
monitor the output current and limit it at the level set by the user.
The RLimit value for achieving the requested current limitation can be estimated by using the
“Current limit vs RLimit”, graph in Figure 12.
The device has two levels of current limitation, depending on the load condition.
The short-circuit current limit (IShort) is the current level that is imposed when the output
voltage decreases sharply, as in the case of a short-circuit on the output.
The overload current limit (ILim), also described as “Current limit trip-point”, represents the
current level that is recognized by the device as an overload condition. Following this, the
current limit trip point is reached the device enters into current limitation, and the current to
the load is limited to the IShort value, which is generally lower than the trip-point value.
The overload current limit (ILim) is dependent on the device reaction time, so it is influenced
by the load current slew-rate. The faster the current increase, the higher the current limit trip
point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com