Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF033 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STEF033
Description  Electronic fuse for 3.3 V line
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF033 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STEF033 Datasheet HTML 11Page - STMicroelectronics STEF033 Datasheet HTML 12Page - STMicroelectronics STEF033 Datasheet HTML 13Page - STMicroelectronics STEF033 Datasheet HTML 14Page - STMicroelectronics STEF033 Datasheet HTML 15Page - STMicroelectronics STEF033 Datasheet HTML 16Page - STMicroelectronics STEF033 Datasheet HTML 17Page - STMicroelectronics STEF033 Datasheet HTML 18Page - STMicroelectronics STEF033 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
DocID025099 Rev 2
15/25
STEF033
Typical performance characteristics
25
Figure 19. Thermal latch from 2 A load to short-
circuit
VCC = from 0 to 3.3 V, CIN = COUT = 10 µF, RLimit = 24 Ω, NO
Cdv/dt, IOUT = 1 A
Figure 20. Startup into output short-circuit
VCC = from 0 to 3.3 V, CIN = COUT = 10 µF, RLimit = 24 Ω,
VOUT short to GND
Figure 21. Voltage clamp
VCC = from 3.3 to 6 V, CIN = COUT =10 µF, RLimit = 24 Ω,
IOUT = 1 A
Figure 22. Trip and short current (IOUT ramp)
VCC = from 0 to 3.3 V, CIN = COUT = 10 µF, RLimit = 24 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com