Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF033 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STEF033
Description  Electronic fuse for 3.3 V line
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF033 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STEF033 Datasheet HTML 9Page - STMicroelectronics STEF033 Datasheet HTML 10Page - STMicroelectronics STEF033 Datasheet HTML 11Page - STMicroelectronics STEF033 Datasheet HTML 12Page - STMicroelectronics STEF033 Datasheet HTML 13Page - STMicroelectronics STEF033 Datasheet HTML 14Page - STMicroelectronics STEF033 Datasheet HTML 15Page - STMicroelectronics STEF033 Datasheet HTML 16Page - STMicroelectronics STEF033 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID025099 Rev 2
13/25
STEF033
Typical performance characteristics
25
6
Typical performance characteristics
The following plots are referred to the typical application circuit and, unless otherwise noted,
at TA = 25 °C.
Figure 7. Clamping voltage vs. temperature
Figure 8. Short-circuit current vs. temperature
Figure 9. Bias current vs. temperature (device
operational)
Figure 10. Bias current vs. temperature (device
disabled)
Figure 11. ON resistance vs. temperature
Figure 12. Current limit vs. RLimit (IOUT ramp)
AM17210v1
0
1
2
3
4
5
6
7
8
-40
-25
0
25
55
85
125
Temperature [ºC]
V
CC = 6 V
AM17211v1
0
0.5
1
1.5
2
2.5
3
-40
-25
0
25
55
85
125
Temperature [ °C]
V CC = 3.3 V, R- limit = 24 Ω
AM17212v1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
-25
0
25
55
85
125
Temperature [°C]
Vcc = 3.3 V, V
EN = floa ting
AM17213v1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
-25
0
25
55
85
125
Temperature [°C]
Vcc = 3.3 V, V
EN = G ND
AM17214v1
0
10
20
30
40
50
60
70
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
Iout 500 mA
Iout 1 A
Iout 2 A
Iout 4 A
V cc = 3.3 V, R - limit = 5 Ω
AM17215v1
0
1
2
3
4
5
6
0
20
40
60
80
100
120
140
External Sensing Resistor (
Ω)
ISHORT
ILIMIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com