Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF033 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STEF033
Description  Electronic fuse for 3.3 V line
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF033 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STEF033 Datasheet HTML 7Page - STMicroelectronics STEF033 Datasheet HTML 8Page - STMicroelectronics STEF033 Datasheet HTML 9Page - STMicroelectronics STEF033 Datasheet HTML 10Page - STMicroelectronics STEF033 Datasheet HTML 11Page - STMicroelectronics STEF033 Datasheet HTML 12Page - STMicroelectronics STEF033 Datasheet HTML 13Page - STMicroelectronics STEF033 Datasheet HTML 14Page - STMicroelectronics STEF033 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID025099 Rev 2
11/25
STEF033
Typical application
25
5.3
Cdv/dt calculation
The device includes a rise-time control circuit, allowing the soft-start during turn-on and Hot-
plug of the equipment. The pre-programmed rise time, defined as the time interval during
which the output voltage goes from 10% to 90% of the nominal voltage, is typically 1.4 ms.
The STEF033 and STEF033A in DFN10 package feature a user-programmable output
voltage ramp-up time; by connecting a capacitor between the Cdv/dt pin and GND,
modification of the output voltage ramp-up time is possible. The capacitance to be added on
the Cdv/dt pin can be selected using the following table.
Figure 5. Delay time and VOUT rise time
5.4
Enable-Fault pin
The Enable/Fault pin has the dual function of controlling the output of the device and, at the
same time, of providing information about the device status to the application.
It can be connected to an external open-drain or open-collector device. In this case, when it
is pulled at low logic level, it will turn the output of the E-Fuse off.
If this pin is left floating, since it has internal pull-up circuitry, the output of the E-Fuse is kept
ON in normal operating conditions.
This pin should never be biased to a voltage higher than 3.6 V.
In case of thermal fault, the pin is pulled to an intermediate state (Figure 6). This signal can
be provided to a monitor circuit, signaling that a thermal shutdown has occurred, or it can be
Table 7. Typical rise time values vs. dv/dt capacitor
Cdv/dt
none
100 pF
470 pF
1 nF
Rise Time (1) [ms]
1.
VCC = 3.3 V, CIN = 10 µF, COUT = 10 µF, RLIMIT = 24 Ω, IOUT = 1 A
1.4
2.8
8
16
10%
90%
rise
time
delay
time
Enable
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com