Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF4S Datasheet (PDF) - STMicroelectronics

STEF4S Datasheet PDF - STMicroelectronics
Part # STEF4S
Download  STEF4S Download
File Size   641.1 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electronic fuse for 3.3 V and 5 V lines

STEF4S Datasheet (PDF)

Go To PDF Page Download Datasheet
STEF4S Datasheet PDF - STMicroelectronics

Part # STEF4S
Download  STEF4S Click to download

File Size   641.1 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electronic fuse for 3.3 V and 5 V lines

STEF4S Datasheet (HTML) - STMicroelectronics


STEF4S Product details

Description
The STEF4S is an integrated electronic fuse optimized for monitoring the output current and the input voltage. It can be connected in series to 3.3 V or 5 V rails, protecting the electronic circuitry on its output from overcurrent and overvoltage. The operating mode (5 V or 3.3 V) can be selected by a dedicated pin. The STEF4S has a controlled turn-on time, adjustable by an external capacitor. When an overload condition occurs the device limits the output current to a predefined safe value. If the anomalous overload condition persists it goes into an open state, disconnecting the load from the power supply. If a continuous short-circuit is present on the board, the E-fuse limits the output current to a safe value. In case of overvoltage on the input, the device clamps the output voltage to a predefined value and protects the load. If the anomalous fault condition persists, the internal thermal protection circuit shuts down the device and then automatically attempts to resupply the load until the fault condition is removed. Unlike mechanical fuses, which must be physically replaced after a single event, the Efuse does not degrade in its performance after short-circuit/thermal protection interventions.

Features
■ Power MOSFET on-resistance (typ.): 40 mΩ
■ Enable function
■ Output clamp voltage (typ.): 5.7 V in 5 V mode, and 3.8 V in 3.3 V mode
■ Undervoltage lockout
■ Short-circuit limit
■ Overload foldback current limit
■ Controlled soft-start

Applications
■ Hard disk drives
■ Solid state drives (SSD)
■ Hard disk and SSD arrays
■ Set-top boxes
■ DVD and blu-ray disc drivers ')1# News ①

## 원문

**A "Korea Street" symbolizing gratitude and trust toward the South Korean government will be inaugurated in the West Bank, a territory administered by the Palestinian Authority. The move comes 21 years after South Korea established its representative office to Palestine in 2005 and initiated exchanges with the Palestinian Authority.**

---

## 해석

팔레스타인 자치정부가 관할하는 요르단강 서안 지역에 한국 정부에 대한 감사와 신뢰를 상징하는 **'코리아 스트리트'**가 조성됩니다.

이는 한국이 2005년 팔레스타인에 대표사무소를 설치하고 팔레스타인 자치정부와 교류를 시작한 지 21년 만입니다.

---

## 단어·표현·숙어

| 표현 | 본래 의미 | 문맥 의미 | 예문 |
| --------------------------- | ----------- | ------------- | ------------------------------------------------------- |
| symbolize | 상징하다 | 상징하다 | The monument symbolizes peace. |
| gratitude | 감사 | 감사 | She expressed her gratitude to the volunteers. |
| trust toward | ~에 대한 신뢰 | ~에 대한 신뢰 | Public trust toward the government has increased. |
| inaugurate | 취임시키다, 개관하다 | 공식 출범하다, 개소하다 | The new bridge will be inaugurated next month. |
| the West Bank | 요르단강 서안 | 요르단강 서안 지역 | The West Bank remains politically sensitive. |
| a territory administered by | ~가 관할하는 지역 | ~의 관할 지역 | It is a territory administered by the local government. |
| representative office | 대표사무소 | 대표사무소 | The company opened a representative office overseas. |
| initiate | 시작하다 | 개시하다 | The two countries initiated formal talks. |
| initiate exchanges | 교류를 시작하다 | 교류를 개시하다 | The universities initiated academic exchanges. |

---

## 문장 구조

### A "Korea Street"... will be inaugurated in the West Bank

* **S:** A "Korea Street"
* **V:** will be inaugurated
* **A:** in the West Bank

미래 수동태

→ 공식적으로 조성(개소)될 예정이다.

---

### symbolizing gratitude and trust...

현재분사

→ 감사와 신뢰를 상징하는

---

### a territory administered by the Palestinian Authority

동격

→ 팔레스타인 자치정부가 관할하는 지역인

**administer**

→ 관리하다, 관할하다

---

### The move comes 21 years after...

**come + 기간 + after**

→ ~한 지 ○년 만에 이루어지다

뉴스에서 매우 자주 쓰는 표현입니다.

---

### established its representative office ... and initiated exchanges

등위동사

* established
* initiated

---

# News ②

## 원문

**Controversy is growing after President Trump revealed that he personally pressed FIFA's president to reconsider a red card decision ahead of the World Cup round of 16 match between the United States and Belgium. The Royal Belgian Football Association vowed to fight to the end to uphold fair competition and the basic principles of sports.**

---

## 해석

미국과 벨기에의 월드컵 16강전을 앞두고 트럼프 대통령이 FIFA 회장에게 레드카드 판정 재검토를 직접 요û했다고 밝히면서 논란이 커지고 있습니다.

벨기에 왕립축구협회는 공정한 경쟁과 스포츠의 기본 원칙을 지키기 위해 끝까지 싸우겠다고 밝혔습니다.

---

## 단어·표현·숙어

| 표현 | 본래 의미 | 문맥 의미 | 예문 |
| ---------------- | ------- | ----------- | ------------------------------------------------ |
| controversy | 논란 | 논란 | The decision sparked controversy. |
| reveal | 밝히다 | 공개하다 | Officials revealed new evidence. |
| personally press | 직접 압박하다 | 직접 강하게 요û하다 | She personally pressed officials for answers. |
| reconsider | 다시 고려하다 | 재검토하다 | The committee agreed to reconsider the proposal. |
| ahead of | ~에 앞서 | ~를 앞두고 | Security was tightened ahead of the summit. |
| vow | 맹세하다 | 강하게 약속하다 | The government vowed to protect consumers. |
| fight to the end | 끝까지 싸우다 | 끝까지 대응하다 | They vowed to fight to the end. |
| uphold | 떠받치다 | 지키다, 수호하다 | Courts must uphold the Constitution. |
| fair competition | 공정한 경쟁 | 공정 경쟁 | Fair competition benefits consumers. |
| basic principles | 기본 원칙 | 기본 원칙 | The decision violated basic principles. |

---

## 문장 구조

### Controversy is growing after...

→ ~이후 논란이 커지고 있다.

---

### President Trump revealed that...

* **S:** President Trump
* **V:** revealed
* **O:** that절

---

### personally pressed FIFA's president

→ FIFA 회장을 직접 압박(강하게 요û)했다.

---

### to reconsider a red card decision

부정사

→ 레드카드 판정을 재검토하도록

---

### vowed to fight to the end

**vow to V**

→ ~하겠다고 맹세하다

---

### to uphold fair competition...

부정사의 목적

→ 공정한 경쟁을 지키기 위해

---

# News ③

## 원문

**A new study has found that speaking more foreign languages appreciably decelerates the aging of the brain. Researchers found that people who are proficient in more languages and acquired a second language earlier in life had brain ages up to 13 years younger than their actual age.**

---

## 해석

새로운 연구에 따르면 여러 외국어를 구사할수록 뇌의 노화 속도가 눈에 띄게 늦춰지는 것으로 나타났습니다.

또한 더 많은 언어에 능숙하고 제2외국어를 어린 시절에 습득한 사람일수록 뇌 나이가 실제 나이보다 최대 13년 더 젊은 것으로 조사됐습니다.

---

## 단어·표현·숙어

| 표현 | 본래 의미 | 문맥 의미 | 예문 |
| --------------- | ------ | ------ | ------------------------------------------------ |
| appreciably | 눈에 띄게 | 상당히 | Productivity improved appreciably. |
| decelerate | 감속하다 | 늦추다 | The treatment decelerated disease progression. |
| aging | 노화 | 노화 | Exercise slows the aging process. |
| proficient in | ~에 능숙한 | 능숙한 | She is proficient in three languages. |
| acquire | 습득하다 | 배우다 | Children acquire language naturally. |
| earlier in life | 인생 초기에 | 어린 시절에 | He learned music earlier in life. |
| actual age | 실제 나이 | 실제 연령 | Her biological age is lower than her actual age. |

---

## 문장 구조

### A new study has found that...

현재완료

→ 연구 결과가 밝혀졌다.

---

### speaking more foreign languages

동명사

→ 여러 언어를 구사하는 것

---

### appreciably decelerates the aging of the brain

* **V:** decelerates
* **O:** the aging of the brain

→ 뇌 노화를 상당히 늦춘다.

---

### people who are proficient...

관계절

→ 더 많은 언어에 능숙한 사람들

---

### had brain ages up to 13 years younger...

**have a brain age**

→ 뇌 나이가 ~이다

---

### than their actual age

→ 실제 나이보다

---

# News ④

## 원문

**The Palestinian militant group Hamas has officially announced the disbandment of the governing body that has administered the Gaza Strip for approximately two decades. However, Israel immediately dismissed the move as a ploy to evade disarmament.**

---

## 해석

팔레스타인 무장정파 하마스가 약 20년 동안 가자지구를 통치해 온 통치기구를 해산한다고 공식 발표했습니다.

그러나 이스라엘은 이를 무장 해제를 피하기 위한 술책이라며 즉각 일축했습니다.

---

## 단어·표현·숙어

| 표현 | 본래 의미 | 문맥 의미 | 예문 |
| ------------------- | ----------- | -------- | ----------------------------------------------- |
| militant group | 무장 단ü | 무장 정파 | The militant group claimed responsibility. |
| officially announce | 공식 발표하다 | 공식 발표하다 | The company officially announced the merger. |
| disbandment | 해산 | 조직 해산 | The disbandment of the committee was confirmed. |
| governing body | 통치 기구 | 행정·통치 조직 | The governing body approved the proposal. |
| administer | 관리하다 | 통치하다 | The region was administered for decades. |
| dismiss A as B | A를 B라고 일축하다 | ~라고 치부하다 | Officials dismissed the report as inaccurate. |
| ploy | 계략 | 술책 | It was seen as a political ploy. |
| evade | 피하다 | 회피하다 | He tried to evade responsibility. |
| disarmament | 무장 해제 | 군축 | The agreement called for disarmament. |

---

## 문장 구조

### Hamas has officially announced...

* **S:** Hamas
* **V:** has announced
* **O:** the disbandment...

---

### that has administered the Gaza Strip...

관계절

→ 가자지구를 통치해 온

---

### for approximately two decades

→ 약 20년 동안

---

### Israel immediately dismissed the move as...

**dismiss A as B**

→ A를 B라고 일축하다

예문

* The company dismissed the rumor as false.
* He dismissed the criticism as unfair.

---

### a ploy to evade disarmament

→ 무장 해제를 피하기 위한 술책

---

# 하루 한 문장

## 원문

**The market seems to think the worst is behind us.**

---

## 해석

시장은 이제 최악의 상황은 지나갔다고 보는 것 같습니다.

---

## 단어·표현·숙어

| 표현 | 본래 의미 | 문맥 의미 | 예문 |
| ----------------- | ------------- | ------------ | --------------------------------------------- |
| seem to think | ~라고 생각하는 것 같다 | ~라고 보는 것 같다 | Investors seem to think inflation has peaked. |
| the worst | 가장 나쁜 상황 | 최악의 상황 | Hopefully the worst is over. |
| be behind someone | ~의 뒤에 있다 | 지나가다, 과거가 되다 | The hardest part is behind us. |

---

## 문장 구조

### The market seems to think...

* **S:** The market
* **V:** seems
* **C:** to think...

→ 시장은 ~라고 생각하는 것 같다.

---

### the worst is behind us

* **S:** the worst
* **V:** is
* **C:** behind us

여기서 **behind us**는 **"우리 뒤에 있다"**가 아니라,

**"이미 지나갔다"**, **"과거의 일이 되었다"**라는 관용적 의미입니다.

예문:

* The pandemic is finally behind us.
* The hardest days are behind us.
* I hope this setback is behind us now.

---

# 꼭 외울 표현

| 표현 | 의미 | 예문 |
| ---------------------- | ---------------- | ------------------------------------------------- |
| come + 기간 + after | ~한 지 ○년 만에 이루어지다 | The agreement comes five years after the dispute. |
| press someone to V | ~에게 강하게 요û하다 | They pressed the minister to resign. |
| fight to the end | 끝까지 싸우다 | The team vowed to fight to the end. |
| uphold | 지키다, 수호하다 | Judges must uphold the law. |
| proficient in | ~에 능숙한 | She is proficient in Japanese. |
| acquire a language | 언어를 습득하다 | Children acquire languages quickly. |
| dismiss A as B | A를 B라고 일축하다 | He dismissed the claim as nonsense. |
| evade | 회피하다 | Companies should not evade taxes. |
| the worst is behind us | 최악은 지나갔다 | Investors believe the worst is behind us. |
| seem to think | ~라고 생각하는 것 같다 | Analysts seem to think the economy is recovering. |

이번 자료에서는 **press someone to V**, **uphold**, **dismiss A as B**, **proficient in**, **the worst is behind us**가 국제 뉴스와 비즈니스 기사에서 매우 자주 등장하는 핵심 표현입니다.
[# News ①

## 원문

**A "Korea Street" symbolizing gratitude and trust toward the South Korean government will be inaugurated in the West Bank, a territory administered by the Palestinian Authority. The move comes 21 years after South Korea established its representative office to Palestine in 2005 and initiated exchanges with the Palestinian Authority.**

---

## 해석

팔레스타인 자치정부가 관할하는 요르단강 서안 지역에 한국 정부에 대한 감사와 신뢰를 상징하는 **'코리아 스트리트'**가 조성됩니다.

이는 한국이 2005년 팔레스타인에 대표사무소를 설치하고 팔레스타인 자치정부와 교류를 시작한 지 21년 만입니다.

---

## 단어·표현·숙어

| 표현 | 본래 의미 | 문맥 의미 | 예문 |
| --------------------------- | ----------- | ------------- | ------------------------------------------------------- |
| symbolize | 상징하다 | 상징하다 | The monument symbolizes peace. |
| gratitude | 감사 | 감사 | She expressed her gratitude to the volunteers. |
| trust toward | ~에 대한 신뢰 | ~에 대한 신뢰 | Public trust toward the government has increased. |
| inaugurate | 취임시키다, 개관하다 | 공식 출범하다, 개소하다 | The new bridge will be inaugurated next month. |
| the West Bank | 요르단강 서안 | 요르단강 서안 지역 | The West Bank remains politically sensitive. |
| a territory administered by | ~가 관할하는 지역 | ~의 관할 지역 | It is a territory administered by the local government. |
| representative office | 대표사무소 | 대표사무소 | The company opened a representative office overseas. |
| initiate | 시작하다 | 개시하다 | The two countries initiated formal talks. |
| initiate exchanges | 교류를 시작하다 | 교류를 개시하다 | The universities initiated academic exchanges. |

---

## 문장 구조

### A "Korea Street"... will be inaugurated in the West Bank

* **S:** A "Korea Street"
* **V:** will be inaugurated
* **A:** in the West Bank

미래 수동태

→ 공식적으로 조성(개소)될 예정이다.

---

### symbolizing gratitude and trust...

현재분사

→ 감사와 신뢰를 상징하는

---

### a territory administered by the Palestinian Authority

동격

→ 팔레스타인 자치정부가 관할하는 지역인

**administer**

→ 관리하다, 관할하다

---

### The move comes 21 years after...

**come + 기간 + after**

→ ~한 지 ○년 만에 이루어지다

뉴스에서 매우 자주 쓰는 표현입니다.

---

### established its representative office ... and initiated exchanges

등위동사

* established
* initiated

---

# News ②

## 원문

**Controversy is growing after President Trump revealed that he personally pressed FIFA's president to reconsider a red card decision ahead of the World Cup round of 16 match between the United States and Belgium. The Royal Belgian Football Association vowed to fight to the end to uphold fair competition and the basic principles of sports.**

---

## 해석

미국과 벨기에의 월드컵 16강전을 앞두고 트럼프 대통령이 FIFA 회장에게 레드카드 판정 재검토를 직접 요û했다고 밝히면서 논란이 커지고 있습니다.

벨기에 왕립축구협회는 공정한 경쟁과 스포츠의 기본 원칙을 지키기 위해 끝까지 싸우겠다고 밝혔습니다.

---

## 단어·표현·숙어

| 표현 | 본래 의미 | 문맥 의미 | 예문 |
| ---------------- | ------- | ----------- | ------------------------------------------------ |
| controversy | 논란 | 논란 | The decision sparked controversy. |
| reveal | 밝히다 | 공개하다 | Officials revealed new evidence. |
| personally press | 직접 압박하다 | 직접 강하게 요û하다 | She personally pressed officials for answers. |
| reconsider | 다시 고려하다 | 재검토하다 | The committee agreed to reconsider the proposal. |
| ahead of | ~에 앞서 | ~를 앞두고 | Security was tightened ahead of the summit. |
| vow | 맹세하다 | 강하게 약속하다 | The government vowed to protect consumers. |
| fight to the end | 끝까지 싸우다 | 끝까지 대응하다 | They vowed to fight to the end. |
| uphold | 떠받치다 | 지키다, 수호하다 | Courts must uphold the Constitution. |
| fair competition | 공정한 경쟁 | 공정 경쟁 | Fair competition benefits consumers. |
| basic principles | 기본 원칙 | 기본 원칙 | The decision violated basic principles. |

---

## 문장 구조

### Controversy is growing after...

→ ~이후 논란이 커지고 있다.

---

### President Trump revealed that...

* **S:** President Trump
* **V:** revealed
* **O:** that절

---

### personally pressed FIFA's president

→ FIFA 회장을 직접 압박(강하게 요û)했다.

---

### to reconsider a red card decision

부정사

→ 레드카드 판정을 재검토하도록

---

### vowed to fight to the end

**vow to V**

→ ~하겠다고 맹세하다

---

### to uphold fair competition...

부정사의 목적

→ 공정한 경쟁을 지키기 위해

---

# News ③

## 원문

**A new study has found that speaking more foreign languages appreciably decelerates the aging of the brain. Researchers found that people who are proficient in more languages and acquired a second language earlier in life had brain ages up to 13 years younger than their actual age.**

---

## 해석

새로운 연구에 따르면 여러 외국어를 구사할수록 뇌의 노화 속도가 눈에 띄게 늦춰지는 것으로 나타났습니다.

또한 더 많은 언어에 능숙하고 제2외국어를 어린 시절에 습득한 사람일수록 뇌 나이가 실제 나이보다 최대 13년 더 젊은 것으로 조사됐습니다.

---

## 단어·표현·숙어

| 표현 | 본래 의미 | 문맥 의미 | 예문 |
| --------------- | ------ | ------ | ------------------------------------------------ |
| appreciably | 눈에 띄게 | 상당히 | Productivity improved appreciably. |
| decelerate | 감속하다 | 늦추다 | The treatment decelerated disease progression. |
| aging | 노화 | 노화 | Exercise slows the aging process. |
| proficient in | ~에 능숙한 | 능숙한 | She is proficient in three languages. |
| acquire | 습득하다 | 배우다 | Children acquire language naturally. |
| earlier in life | 인생 초기에 | 어린 시절에 | He learned music earlier in life. |
| actual age | 실제 나이 | 실제 연령 | Her biological age is lower than her actual age. |

---

## 문장 구조

### A new study has found that...

현재완료

→ 연구 결과가 밝혀졌다.

---

### speaking more foreign languages

동명사

→ 여러 언어를 구사하는 것

---

### appreciably decelerates the aging of the brain

* **V:** decelerates
* **O:** the aging of the brain

→ 뇌 노화를 상당히 늦춘다.

---

### people who are proficient...

관계절

→ 더 많은 언어에 능숙한 사람들

---

### had brain ages up to 13 years younger...

**have a brain age**

→ 뇌 나이가 ~이다

---

### than their actual age

→ 실제 나이보다

---

# News ④

## 원문

**The Palestinian militant group Hamas has officially announced the disbandment of the governing body that has administered the Gaza Strip for approximately two decades. However, Israel immediately dismissed the move as a ploy to evade disarmament.**

---

## 해석

팔레스타인 무장정파 하마스가 약 20년 동안 가자지구를 통치해 온 통치기구를 해산한다고 공식 발표했습니다.

그러나 이스라엘은 이를 무장 해제를 피하기 위한 술책이라며 즉각 일축했습니다.

---

## 단어·표현·숙어

| 표현 | 본래 의미 | 문맥 의미 | 예문 |
| ------------------- | ----------- | -------- | ----------------------------------------------- |
| militant group | 무장 단ü | 무장 정파 | The militant group claimed responsibility. |
| officially announce | 공식 발표하다 | 공식 발표하다 | The company officially announced the merger. |
| disbandment | 해산 | 조직 해산 | The disbandment of the committee was confirmed. |
| governing body | 통치 기구 | 행정·통치 조직 | The governing body approved the proposal. |
| administer | 관리하다 | 통치하다 | The region was administered for decades. |
| dismiss A as B | A를 B라고 일축하다 | ~라고 치부하다 | Officials dismissed the report as inaccurate. |
| ploy | 계략 | 술책 | It was seen as a political ploy. |
| evade | 피하다 | 회피하다 | He tried to evade responsibility. |
| disarmament | 무장 해제 | 군축 | The agreement called for disarmament. |

---

## 문장 구조

### Hamas has officially announced...

* **S:** Hamas
* **V:** has announced
* **O:** the disbandment...

---

### that has administered the Gaza Strip...

관계절

→ 가자지구를 통치해 온

---

### for approximately two decades

→ 약 20년 동안

---

### Israel immediately dismissed the move as...

**dismiss A as B**

→ A를 B라고 일축하다

예문

* The company dismissed the rumor as false.
* He dismissed the criticism as unfair.

---

### a ploy to evade disarmament

→ 무장 해제를 피하기 위한 술책

---

# 하루 한 문장

## 원문

**The market seems to think the worst is behind us.**

---

## 해석

시장은 이제 최악의 상황은 지나갔다고 보는 것 같습니다.

---

## 단어·표현·숙어

| 표현 | 본래 의미 | 문맥 의미 | 예문 |
| ----------------- | ------------- | ------------ | --------------------------------------------- |
| seem to think | ~라고 생각하는 것 같다 | ~라고 보는 것 같다 | Investors seem to think inflation has peaked. |
| the worst | 가장 나쁜 상황 | 최악의 상황 | Hopefully the worst is over. |
| be behind someone | ~의 뒤에 있다 | 지나가다, 과거가 되다 | The hardest part is behind us. |

---

## 문장 구조

### The market seems to think...

* **S:** The market
* **V:** seems
* **C:** to think...

→ 시장은 ~라고 생각하는 것 같다.

---

### the worst is behind us

* **S:** the worst
* **V:** is
* **C:** behind us

여기서 **behind us**는 **"우리 뒤에 있다"**가 아니라,

**"이미 지나갔다"**, **"과거의 일이 되었다"**라는 관용적 의미입니다.

예문:

* The pandemic is finally behind us.
* The hardest days are behind us.
* I hope this setback is behind us now.

---

# 꼭 외울 표현

| 표현 | 의미 | 예문 |
| ---------------------- | ---------------- | ------------------------------------------------- |
| come + 기간 + after | ~한 지 ○년 만에 이루어지다 | The agreement comes five years after the dispute. |
| press someone to V | ~에게 강하게 요û하다 | They pressed the minister to resign. |
| fight to the end | 끝까지 싸우다 | The team vowed to fight to the end. |
| uphold | 지키다, 수호하다 | Judges must uphold the law. |
| proficient in | ~에 능숙한 | She is proficient in Japanese. |
| acquire a language | 언어를 습득하다 | Children acquire languages quickly. |
| dismiss A as B | A를 B라고 일축하다 | He dismissed the claim as nonsense. |
| evade | 회피하다 | Companies should not evade taxes. |
| the worst is behind us | 최악은 지나갔다 | Investors believe the worst is behind us. |
| seem to think | ~라고 생각하는 것 같다 | Analysts seem to think the economy is recovering. |

이번 자료에서는 **press someone to V**, **uphold**, **dismiss A as B**, **proficient in**, **the worst is behind us**가 국제 뉴스와 비즈니스 기사에서 매우 자주 등장하는 핵심 표현입니다.
/




Similar Part No. - STEF4S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STEF4S ETC2-STEF4S Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
More results


Similar Description - STEF4S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
logo
List of Unclassifed Man...
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
logo
STMicroelectronics
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF033 STMICROELECTRONICS-STEF033 Datasheet
1Mb / 25P
Electronic fuse for 3.3 V line
28-Jan-2015
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
logo
ON Semiconductor
NIS6432 ONSEMI-NIS6432 Datasheet
210Kb / 9P
Electronic Fuse, 3.3/5 Volt
February, 2020 ??Rev. 2
NIS6432 ONSEMI-NIS6432_V01 Datasheet
533Kb / 13P
Electronic Fuse, 3.3/5 Volt
November, 2020 ??Rev. 5
logo
STMicroelectronics
STEL12H24 STMICROELECTRONICS-STEL12H24 Datasheet
728Kb / 26P
Electronic switch for 12 V, 5 V and 3.3 V buses
13-Oct-2021
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
Dual electronic fuse (eFuse) for 5 V and 12 V rails
21-Sep-2020
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
31-Jan-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com