Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF4S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEF4S
Description  Electronic fuse for 3.3 V and 5 V lines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF4S Datasheet(HTML) 1 Page - STMicroelectronics

  STEF4S Datasheet HTML 1Page - STMicroelectronics STEF4S Datasheet HTML 2Page - STMicroelectronics STEF4S Datasheet HTML 3Page - STMicroelectronics STEF4S Datasheet HTML 4Page - STMicroelectronics STEF4S Datasheet HTML 5Page - STMicroelectronics STEF4S Datasheet HTML 6Page - STMicroelectronics STEF4S Datasheet HTML 7Page - STMicroelectronics STEF4S Datasheet HTML 8Page - STMicroelectronics STEF4S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
December 2014
DocID025259 Rev 2
1/22
STEF4S
Electronic fuse for 3.3 V and 5 V lines
Datasheet
- production data
Features
• Power MOSFET on-resistance (typ.): 40 mΩ
• Enable function
• Output clamp voltage (typ.): 5.7 V in 5 V mode,
and 3.8 V in 3.3 V mode
• Undervoltage lockout
• Short-circuit limit
• Overload foldback current limit
• Controlled soft-start
• Thermal auto-retry
• Internal sensing FET
• Operative temp. range: - 40 °C to 85 °C
• Available in DFN 3x3 10L package
Description
The STEF4S is an integrated electronic fuse
optimized for monitoring the output current and
the input voltage. It can be connected in series to
3.3 V or 5 V rails, protecting the electronic
circuitry on its output from overcurrent and
overvoltage. The operating mode (5 V or 3.3 V)
can be selected by a dedicated pin. The STEF4S
has a controlled turn-on time, adjustable by an
external capacitor. When an overload condition
occurs the device limits the output current to a
predefined safe value. If the anomalous overload
condition persists it goes into an open state,
disconnecting the load from the power supply. If a
continuous short-circuit is present on the board,
the E-fuse limits the output current to a safe
value.
In case of overvoltage on the input, the device
clamps the output voltage to a predefined value
and protects the load.
If the anomalous fault condition persists, the
internal thermal protection circuit shuts down the
device and then automatically attempts to re-
supply the load until the fault condition is
removed.
Unlike mechanical fuses, which must be
physically replaced after a single event, the E-
fuse does not degrade in its performance after
short-circuit/thermal protection interventions.
Applications
• Hard disk drives
• Solid state drives (SSD)
• Hard disk and SSD arrays
• Set-top boxes
• DVD and blu-ray disc drivers
Table 1. Device summary
Order code
Package
Packing
STEF4SPUR
DFN 3x3 - 10L
Tape and reel
www.st.com


Similar Part No. - STEF4S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STEF4S ETC2-STEF4S Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
More results

Similar Description - STEF4S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
logo
List of Unclassifed Man...
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
logo
STMicroelectronics
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF033 STMICROELECTRONICS-STEF033 Datasheet
1Mb / 25P
Electronic fuse for 3.3 V line
28-Jan-2015
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
logo
ON Semiconductor
NIS6432 ONSEMI-NIS6432 Datasheet
210Kb / 9P
Electronic Fuse, 3.3/5 Volt
February, 2020 ??Rev. 2
NIS6432 ONSEMI-NIS6432_V01 Datasheet
533Kb / 13P
Electronic Fuse, 3.3/5 Volt
November, 2020 ??Rev. 5
logo
STMicroelectronics
STEL12H24 STMICROELECTRONICS-STEL12H24 Datasheet
728Kb / 26P
Electronic switch for 12 V, 5 V and 3.3 V buses
13-Oct-2021
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
Dual electronic fuse (eFuse) for 5 V and 12 V rails
21-Sep-2020
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
31-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com