Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF4S Datasheet(PDF) 12 Page - STMicroelectronics

Part # STEF4S
Description  Electronic fuse for 3.3 V and 5 V lines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF4S Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STEF4S Datasheet HTML 8Page - STMicroelectronics STEF4S Datasheet HTML 9Page - STMicroelectronics STEF4S Datasheet HTML 10Page - STMicroelectronics STEF4S Datasheet HTML 11Page - STMicroelectronics STEF4S Datasheet HTML 12Page - STMicroelectronics STEF4S Datasheet HTML 13Page - STMicroelectronics STEF4S Datasheet HTML 14Page - STMicroelectronics STEF4S Datasheet HTML 15Page - STMicroelectronics STEF4S Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Typical performance characteristics
STEF4S
12/22
DocID025259 Rev 2
Figure 9. UVLO threshold vs temperature (3.3 V) Figure 10. UVLO threshold vs temperature (5 V)
Figure 11. Bias current vs temperature (3.3 V)
Figure 12. Bias current vs temperature (5 V)
Figure 13. Shutdown current vs temperature
(3.3 V)
Figure 14. Shutdown current vs temperature
(5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com