Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF4S Datasheet(PDF) 10 Page - STMicroelectronics

Part # STEF4S
Description  Electronic fuse for 3.3 V and 5 V lines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF4S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STEF4S Datasheet HTML 6Page - STMicroelectronics STEF4S Datasheet HTML 7Page - STMicroelectronics STEF4S Datasheet HTML 8Page - STMicroelectronics STEF4S Datasheet HTML 9Page - STMicroelectronics STEF4S Datasheet HTML 10Page - STMicroelectronics STEF4S Datasheet HTML 11Page - STMicroelectronics STEF4S Datasheet HTML 12Page - STMicroelectronics STEF4S Datasheet HTML 13Page - STMicroelectronics STEF4S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Typical characteristics
STEF4S
10/22
DocID025259 Rev 2
The capacitance to be added to CSS pin can be also estimated by using the following
theoretical formula:
Equation 1
The above value is not valid if CSS is not connected. CSS is expressed in Farad and the time
in seconds.
A ceramic low leakage capacitor is suggested for this purpose. The formula is meant as a
theoretical support to choose the CSS capacitor and it does not take into account the
capacitor tolerance, temperature and process variations.
Figure 4. Startup time
5.3
UVLO and voltage clamp selection
The device can be used either on the 3.3 V or on the 5 V lines. The operating mode can be
selected through the VCP pin.
If this pin is set at high level (VCP > 2 V) the operating mode is 5 V. In this mode the UVLO
threshold is 3.6 V typical, the clamping voltage is set to 5.7 V.
If the VCP pin is pulled to low level (VCP < 0.4 V), the operating mode is 3.3 V. In this mode
the UVLO threshold is 2.3 V typical, the clamping voltage is set to 3.8 V.
5.4
Enable pin
The EN pin is used to turn on/off the device. The device is disabled when the EN pin voltage
is lower than 0.4 V, enabled if the EN pin voltage is higher than 2 V.
C
SS
4.35
10 6
–
×
Tss
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com