Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF4S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEF4S
Description  Electronic fuse for 3.3 V and 5 V lines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF4S Datasheet(HTML) 4 Page - STMicroelectronics

  STEF4S Datasheet HTML 1Page - STMicroelectronics STEF4S Datasheet HTML 2Page - STMicroelectronics STEF4S Datasheet HTML 3Page - STMicroelectronics STEF4S Datasheet HTML 4Page - STMicroelectronics STEF4S Datasheet HTML 5Page - STMicroelectronics STEF4S Datasheet HTML 6Page - STMicroelectronics STEF4S Datasheet HTML 7Page - STMicroelectronics STEF4S Datasheet HTML 8Page - STMicroelectronics STEF4S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Pin configuration
STEF4S
4/22
DocID025259 Rev 2
2
Pin configuration
Figure 2. Pin configuration (top view)
Table 2. Pin description
Pin n°
Symbol
Note
1, 2, 3
VIN
Input supply voltage pin
4VCP
Voltage clamping and UVLO selection pin (high state 5 V, low state 3.3 V)
5
GND
Ground pin (can be left floating if TAB is connected to GND)
6
SST
Soft-start time selection pin. A capacitor can be connected between this pin and GND to
increase the startup time
7
EN
Enable pin (active high)
8,9,10
VOUT
Output voltage pin
EXP
GND
Exposed pad is internally connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com