Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF4S Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEF4S
Description  Electronic fuse for 3.3 V and 5 V lines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF4S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STEF4S Datasheet HTML 2Page - STMicroelectronics STEF4S Datasheet HTML 3Page - STMicroelectronics STEF4S Datasheet HTML 4Page - STMicroelectronics STEF4S Datasheet HTML 5Page - STMicroelectronics STEF4S Datasheet HTML 6Page - STMicroelectronics STEF4S Datasheet HTML 7Page - STMicroelectronics STEF4S Datasheet HTML 8Page - STMicroelectronics STEF4S Datasheet HTML 9Page - STMicroelectronics STEF4S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
STEF4S
6/22
DocID025259 Rev 2
4
Electrical characteristics
Unless otherwise specified, typical values are referred to VIN = 5 V for VCP = VIN and
VIN = 3.3 V for VCP = GND,CIN = COUT = 22 µF, T = 25 ºC, min. and max. values are referred
to T = - 40 ºC to 85 ºC.
Table 5. STEF4S electrical characteristic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
10
V
Under/overvoltage protection, 3.3 V mode
VClamp
Output clamping voltage
VIN = 10 V, VCP = GND
3.6
3.8
4.0
V
VUVLO
Under voltage lockout
VCP = GND,
Turn-on, voltage going up
2.2
2.3
2.4
V
VHyst
UVLO hysteresis
VCP = GND
50
90
130
mV
Under/overvoltage protection, 5 V mode
VClamp
Output clamping voltage
VIN = 10 V, VCP = VIN
5.4
5.7
6.0
V
VUVLO
Under voltage lockout
VCP = VIN,
Turn-on, voltage going up
3.4
3.6
3.8
V
VHyst
UVLO hysteresis
VCP = VIN
60
105
150
mV
Power MOSFET
RDS(on)
ON-resistance
RDS(on) = (VIN-VOUT)/IOUT
40
m
Ω
Tj = 85 °C
(1)
70
Current limit
IOL
Protection trip current
5
A
ILim
Overload current limit
5
7
9
A
IShort
Short-circuit current limit
VOUT = 0 V
3
A
Soft-start circuit
Tss
Output voltage ramp time
From VIN= VUVLO to VOUT = 90 %,
no CSS
0.6
ms
From VIN = VUVLO to VOUT = 90 %,
CSS = 100 nF
16
23
30
Enable pin thresholds
VEN-L
Enable pin switch-off voltage
Output disabled
0.4
V
VEN-H
Enable pin switch-on voltage
Output enabled
2
V
VCP pin thresholds
VCP-L
3.3 V mode selection threshold
3.3 V mode enabled
0.4
V
VCP-H
5 V mode selection threshold
5 V mode enabled
2
V
Total device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com