Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12S Datasheet (PDF) - STMicroelectronics

STEF12S Datasheet PDF - STMicroelectronics
Part # STEF12S
Download  STEF12S Download
File Size   1733.33 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electronic fuse for 12 V line

STEF12S Datasheet (PDF)

Go To PDF Page Download Datasheet
STEF12S Datasheet PDF - STMicroelectronics

Part # STEF12S
Download  STEF12S Click to download

File Size   1733.33 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Electronic fuse for 12 V line

STEF12S Datasheet (HTML) - STMicroelectronics


STEF12S Product details

Features
• 15 V typical output overvoltage clamp
• Absolute maximum voltage of 25 V
• Adjustable current limit
• Thermal protection
• Input undervoltage lockout
• Low inrush current during startup
• Integrated 40 mΩ Power FET
• En/fault pin
• Adjustable slew rate for output voltage
• Gate control pin for reverse current blocking FET (DFN10 package)
• TSOT23-8L and DFN10 (3x3 mm) packages
• Latch (STEF12S) or autoretry (STEF12SA) versions

Applications
• Hard Disk and SSD drives
• Hard disk array
• Hot-swap board
• Hot-plug protection

Description
The STEF12S is an integrated electronic fuse optimized to monitor the 12 V DC
power lines.
When connected in series to the main power rail, it is able to precisely detect and
react to overcurrent and overvoltage conditions.
When an overload condition occurs, the device limits the output current to a safe
value defined by the user. If the anomalous overload condition persists, the device
goes into an open state, disconnecting the load from the power supply.
In case of overvoltage on the input, the device regulates the output to a preset safe
value.
Undervoltage lockout prevents the load from malfunction, keeping the device off if the
rail voltage is too low.
The STEF12S features the adjustable turn-on slew-rate, which is useful to keep the
in-rush current under control during startup and hot-swap operations.
On the DFN10 package a dedicated pin provides a gate control for an external
optional N-channel Power FET, used to implement the reverse current blocking in
case of input voltage loss.
The STEF05S is a companion chip for the 5 V rails, useful to implement a complete
power rail control in data-storage applications.




Similar Part No. - STEF12S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF12EPUR STMICROELECTRONICS-STEF12EPUR Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
STEF12H60MAPUR STMICROELECTRONICS-STEF12H60MAPUR Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
More results


Similar Description - STEF12S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF033 STMICROELECTRONICS-STEF033 Datasheet
1Mb / 25P
Electronic fuse for 3.3 V line
28-Jan-2015
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
logo
ON Semiconductor
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
12 Volt Electronic Fuse
July, 2019 ??Rev. 3
logo
STMicroelectronics
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
logo
ON Semiconductor
NIS6420 ONSEMI-NIS6420 Datasheet
164Kb / 11P
Electronic Fuse, 3 to 12 V
December, 2020 ??Rev. 4
logo
STMicroelectronics
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
Dual electronic fuse (eFuse) for 5 V and 12 V rails
21-Sep-2020
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com