Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA203V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA203V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA203V1
Download  STEVAL-ISA203V1 Download
File Size   1418.01 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 48 V flyback converter 12 V ??5 A based on PM8804

STEVAL-ISA203V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA203V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA203V1
Download  STEVAL-ISA203V1 Click to download

File Size   1418.01 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 48 V flyback converter 12 V ??5 A based on PM8804

STEVAL-ISA203V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA203V1 Product details

Description
STEVAL-ISA203V1 evaluation board is designed to demonstrate high efficiency DCDC conversion with 60 W output (12 V/5 A) from 42 to 56 VDC input (48 V nom.), which is especially suitable for telecom applications. The power conversion stage is based on a flyback topology managed by the PM8804 controller, which features all the integrated circuitry necessary for a compact and efficient 48 V converter. The highly configurable controller includes a programmable oscillator for switching frequency regulation up to 1 Mhz, adjustable slope compensation, dual complementary low-side drivers with programmable dead time, programmable soft start, soft turn off and a programmable current sense blanking time. The secondary side employs the SRK1000 adaptive synchronous rectification controller for flyback converters. Product summary 48 V flyback converter 12 V – 5 A based on PM8804 STEVALISA203V1 PWM peak current mode controller for PoE and telecom systems PM8804 Adaptive synchronous rectification controller for flyback converter SRK1000 N-channel 80 V, 3.0 mΩ typ., 120 A STripFET F7 Power MOSFET in PowerFLAT 5x6

Features
■ DC-DC flyback converter based on: – PM8804 PWM peak current mode controller, and – SRK1000 adaptive synchronous rectification controller
■ Input voltage range 42 – 56 VDC
■ Switching frequency: 200 kHz
■ Output: – Power: 60 W – Voltage: 12 VDC – Current: 5 A
■ Peak efficiency > 92%
■ RoHS compliant




Similar Part No. - STEVAL-ISA203V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA201V1 STMICROELECTRONICS-STEVAL-ISA201V1 Datasheet
275Kb / 4P
3 A step-down switching regulator evaluation board based on the L5987
15-Mar-2017
More results


Similar Description - STEVAL-ISA203V1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
0RHB-D0T BEL-0RHB-D0T Datasheet
428Kb / 12P
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
logo
ON Semiconductor
AND8099 ONSEMI-AND8099 Datasheet
215Kb / 8P
5.0 V, 2.0 A Flyback Converter
February, 2003 - Rev. 2
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA134V1 STMICROELECTRONICS-STEVAL-ISA134V1 Datasheet
240Kb / 4P
12 V - 4 W, 115 kHz isolated flyback based on the VIPer06
16-Apr-2013
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
13-Dec-2016
STEVAL-ISA197V1 STMICROELECTRONICS-STEVAL-ISA197V1 Datasheet
215Kb / 4P
12 V, 7.8 W isolated flyback converter based on VIPer114LS
June 2017 Rev 1
STEVAL-VP22201B STMICROELECTRONICS-STEVAL-VP22201B Datasheet
264Kb / 6P
5 V - 360 mA buck converter based on VIPer222XSTR
Rev 1 - February 2020
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com