Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA153V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA153V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA153V1
Download  STEVAL-ISA153V1 Download
File Size   267.68 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE

STEVAL-ISA153V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA153V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA153V1
Download  STEVAL-ISA153V1 Click to download

File Size   267.68 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE

STEVAL-ISA153V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA153V1 Product details

Description
The STEVAL-ISA153V1 product evaluation board
implements a 12 V/1.25 A, 15 W (20 W peak)
isolated flyback wide-range mains developed for
general-purpose applications.
The core of the application is the VIPER38LE, the
latest offline converter from the VIPerPlus family.
The device is a high-voltage converter that
smartly integrates an 800 V rugged power
MOSFET with PWM current-mode control. The
device features an adjustable extra power timer
(EPT) that enables the IC to sustain overload
conditions for a few seconds.
The main characteristics of the evaluation board
are its small size and minimal BOM, high
efficiency and low standby consumption.
Extremely low consumption under no-load
conditions is ensured thanks to burst mode
operation which reduces the average switching
frequency and minimizes all frequency-related
losses.
The VIPER38LE operates at a fixed 60 kHz
frequency. Frequency jittering is implemented,
which helps the application meet electromagnetic
disturbance standards.
The IC includes high-level protection features
such as dual-level OCP, output overvoltage,
short-circuit, and thermal shutdown with
hysteresis. After removal of a fault condition, the
IC is automatically restarted.

Features
• Universal input mains range: 90 – 265 VAC
frequency: 50 - 60 Hz
• Output voltage/current: 12 V/1.25 A (1.65 A
peak)
• Very compact size
• Standby mains consumption: lower than 30
mW at 230 VAC
• Minimum active mode efficiency: 81.55%
• Minimum active mode at 10% load efficiency:
71.55%
• EMI: in accordance with EN55022-Class-B
• RoHS compliant




Similar Part No. - STEVAL-ISA153V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA152V1 STMICROELECTRONICS-STEVAL-ISA152V1 Datasheet
137Kb / 4P
3 A DC output current
09-May-2014
STEVAL-ISA154V1 STMICROELECTRONICS-STEVAL-ISA154V1 Datasheet
98Kb / 4P
0.7 A step-down switching regulator evaluation board based on the L5980
15-Apr-2014
STEVAL-ISA158V1 STMICROELECTRONICS-STEVAL-ISA158V1 Datasheet
281Kb / 5P
Embedded output voltage supervisor
15-Jan-2015
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
Thermal shutdown
May 2015 Rev 2
More results


Similar Description - STEVAL-ISA153V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
50 W wide-range high power factor flyback converter demonstration board based on the L6564
11-Jun-2012
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA125V1 STMICROELECTRONICS-STEVAL-ISA125V1 Datasheet
160Kb / 4P
5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN
18-Jun-2013
STEVAL-ISA134V1 STMICROELECTRONICS-STEVAL-ISA134V1 Datasheet
240Kb / 4P
12 V - 4 W, 115 kHz isolated flyback based on the VIPer06
16-Apr-2013
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
4 W, 12 V output, isolated flyback converter using VIPer™Plus - VIPER06HS
08-May-2014
STEVAL-ISA182V1 STMICROELECTRONICS-STEVAL-ISA182V1 Datasheet
212Kb / 4P
8.4 W / 30 W peak power offline flyback converter using VIPER38HD
03-Oct-2016
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
13-Dec-2016
STEVAL-ISA197V1 STMICROELECTRONICS-STEVAL-ISA197V1 Datasheet
215Kb / 4P
12 V, 7.8 W isolated flyback converter based on VIPer114LS
June 2017 Rev 1
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com