Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA110V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA110V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA110V1
Download  STEVAL-ISA110V1 Download
File Size   1050.75 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 V/12 W wide-range non-isolated flyback based on the VIPER26LN

STEVAL-ISA110V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA110V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA110V1
Download  STEVAL-ISA110V1 Click to download

File Size   1050.75 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 V/12 W wide-range non-isolated flyback based on the VIPER26LN

STEVAL-ISA110V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA110V1 Product details

Description
The STEVAL-ISA110V1 demonstration board is a
12 V-1 A power supply set in non-isolated flyback
topology using the VIPER26LN, a new offline
high-voltage converter by STMicroelectronics.
The features of the device include an 800 V
avalanche-rugged power section, PWM operation
at 60 kHz with frequency jittering for lower EMI,
current limiting with adjustable set point, onboard
soft-start, a safe auto-restart after a fault
condition, and low standby power.
Protection features include thermal shutdown with
hysteresis, delayed overload protection, and open
loop failure protection.

Features
■ Universal input mains range:
– input voltage 90 - 264 VAC
– frequency 45 - 65 Hz
■ Single output voltage: 12 V @ 1 A continuous
operation
■ Standby mains consumption: < 30 mW @ 265
VAC
■ Average efficiency: > 85%
■ Fully protected against faults (overload,
feedback disconnection and overheating)
■ EMI: according to EN55022-Class-B




Similar Part No. - STEVAL-ISA110V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
Complying with EuP Lot 6 requirements
08-Jan-2013
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
May 2014 Rev 2
More results


Similar Description - STEVAL-ISA110V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
STMicroelectronics
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
50 W wide-range high power factor flyback converter demonstration board based on the L6564
11-Jun-2012
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
11-Jun-2010
STEVAL-ISA125V1 STMICROELECTRONICS-STEVAL-ISA125V1 Datasheet
160Kb / 4P
5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN
18-Jun-2013
STEVAL-ISA134V1 STMICROELECTRONICS-STEVAL-ISA134V1 Datasheet
240Kb / 4P
12 V - 4 W, 115 kHz isolated flyback based on the VIPer06
16-Apr-2013
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
13-Dec-2016
STEVAL-ISA197V1 STMICROELECTRONICS-STEVAL-ISA197V1 Datasheet
215Kb / 4P
12 V, 7.8 W isolated flyback converter based on VIPer114LS
June 2017 Rev 1
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com