Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA112V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA112V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA112V1
Download  STEVAL-ISA112V1 Download
File Size   2463.64 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Complying with EuP Lot 6 requirements

STEVAL-ISA112V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA112V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA112V1
Download  STEVAL-ISA112V1 Click to download

File Size   2463.64 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Complying with EuP Lot 6 requirements

STEVAL-ISA112V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA112V1 Product details

Description
The STEVAL-ISA112V1 demonstration board implements a 4 W single-output wide range mains power supply to be used in applications such as white goods, smaller home appliances, home automation, LED driver, etc. The board uses the new VIPER06HN, a new offline high voltage converter from the VIPerPlus family by STMicroelectronics. The VIPER06 is specifically designed for fixed frequency flyback converters, combining a high-performance low voltage PWM controller chip and a max. 32 Ω RDS(on), 800 V BV(DSS), avalanche-rugged Power MOSFET in the same package. The application is optimized for less than 30 mW standby consumption and meets the EPA 2.0 limits, therefore helping to meet the most stringent energy saving requirements. The STEVAL-ISA112V1 demonstration board implements several forms of protection that considerably increase end-product safety and reliability: overload protection, feedback disconnection, thermal shutdown. STEVAL-ISA112V1

Features
■ Universal input mains range: – input voltage 90 - 265 VAC – frequency 45 - 65 Hz
■ Single-output voltage: 12 V at 350 mA continuous operation
■ Standby mains consumption: < 30 mW at 230 VAC
■ Average efficiency: > 75%
■ Complying with EuP Lot 6 requirements
■ Fully protected against short-circuit
■ Fully protected against overheating
■ Compliant to EMC norm EN55022-Class-B
■ RoHS compliant




Similar Part No. - STEVAL-ISA112V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
May 2014 Rev 2
More results


Similar Description - STEVAL-ISA112V1

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
354112 ERNI-354112 Datasheet
81Kb / 1P
FEDERLEISTE M 42-6 LOT
logo
Bothhand USA, LP.
G2PM109NM-LF BOTHHAND-G2PM109NM-LF Datasheet
335Kb / 2P
Complying with ROHS requirements
NA0069RM-LF BOTHHAND-NA0069RM-LF Datasheet
242Kb / 2P
Complying with ROHS & Halogen Free requirements
NA69-LF BOTHHAND-NA69-LF Datasheet
236Kb / 2P
Complying with ROHS & Halogen Free requirements
PG4P219AN-1-LF BOTHHAND-PG4P219AN-1-LF Datasheet
363Kb / 2P
Complying with ROHS requirements
PGH5610S-LF BOTHHAND-PGH5610S-LF Datasheet
388Kb / 2P
Complying with ROHS requirements.
TS20-HF BOTHHAND-TS20-HF Datasheet
226Kb / 2P
Complying with ROHS & Halogen Free requirements.
TST1284C-LF BOTHHAND-TST1284C-LF Datasheet
243Kb / 2P
Complying with ROHS & Halogen Free requirements.
logo
STMicroelectronics
STEVAL-ISA121V1 STMICROELECTRONICS-STEVAL-ISA121V1 Datasheet
276Kb / 6P
Complies with EuP Lot 6 requirements
09-Jan-2013
STEVAL-ISA138V1 STMICROELECTRONICS-STEVAL-ISA138V1 Datasheet
115Kb / 4P
Light load efficiency: in accordance with ErP Lot 6 Tier2 requirements
15-Nov-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com