Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA121V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA121V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA121V1
Download  STEVAL-ISA121V1 Download
File Size   276.19 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Complies with EuP Lot 6 requirements

STEVAL-ISA121V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA121V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA121V1
Download  STEVAL-ISA121V1 Click to download

File Size   276.19 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Complies with EuP Lot 6 requirements

STEVAL-ISA121V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA121V1 Product details

Description
The STEVAL-ISA121V1 demonstration board implements a 15 W single-output wide range mains power supply to be used as an auxiliary adapter in applications such as LCD, plasma or LED TVs, desktop computers, etc., when the main power supply is OFF or in standby mode and the auxiliary power supply must provide energy only to some specific parts of the equipment such as USB ports, remote receiver, etc. The board uses the new VIPER37LE, an offline high voltage converter from the VIPerPlus family, specifically designed for fixed frequency flyback converters, which combines a high-performance low voltage PWM controller chip and a max. 4.5 Ω RDS(on), 800 V BV(DSS), avalanche-rugged power MOSFET in the same package. The application is optimized for less than 30 mW standby consumption and meets EPA 2.0 limits, thereby helping to meet the most stringent energy-saving requirements. The board implements several protection features that considerably increase end-product safety and reliability: overload protection, overvoltage protection, brownout protection, hysteretic

Features
■ Universal input mains range: – input voltage 90 - 264 VAC – frequency 45 - 65 Hz
■ Single-output voltage: 5 V @ 3 A continuous operation
■ Standby mains consumption: < 30 mW @ 230 VAC
■ Average efficiency: > 75%
■ Complies with EuP Lot 6 requirements
■ Fully protected against faults overload, overvoltage, transformer saturation and overheating
■ Compliant with EMC norm EN55022-Class-B
■ RoHS compilant




Similar Part No. - STEVAL-ISA121V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
11-Feb-2013
STEVAL-ISA125V1 STMICROELECTRONICS-STEVAL-ISA125V1 Datasheet
160Kb / 4P
5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN
18-Jun-2013
STEVAL-ISA126V1 STMICROELECTRONICS-STEVAL-ISA126V1 Datasheet
167Kb / 4P
5 V-2 A, 115 kHz flyback with temporary extra-power management based on the VIPER28HN
10-Dec-2013
STEVAL-ISA129V1 STMICROELECTRONICS-STEVAL-ISA129V1 Datasheet
239Kb / 4P
16 V - 280 mA non isolated off-line high voltage converter based on the VIPer16
16-Apr-2013
More results


Similar Description - STEVAL-ISA121V1

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-180KB-4 DELTA-DPS-180KB-4 Datasheet
298Kb / 1P
Complies with TFX12V
DPS-200PB-127 DELTA-DPS-200PB-127 Datasheet
108Kb / 1P
Complies with ATX 12V V1.1
DPS-200PB-143 DELTA-DPS-200PB-143 Datasheet
117Kb / 1P
Complies with SFX 12V V2.1
logo
List of Unclassifed Man...
MB970 ETC2-MB970 Datasheet
856Kb / 1P
iSMART - for EuP/ErP power saving
logo
ERNI Electronics
354108 ERNI-354108 Datasheet
82Kb / 1P
FEDERLEISTE M 42-6 LOT
354112 ERNI-354112 Datasheet
81Kb / 1P
FEDERLEISTE M 42-6 LOT
354226 ERNI-354226 Datasheet
81Kb / 1P
FEDERLEISTE M 28-6 LOT
logo
NXP Semiconductors
74HC08D-T PHILIPS-74HC08D-T Datasheet
150Kb / 16P
Complies with JEDEC standard JESD7A
Rev. 4-6 September 2012
logo
STMicroelectronics
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
Complying with EuP Lot 6 requirements
08-Jan-2013
STEVAL-ISA138V1 STMICROELECTRONICS-STEVAL-ISA138V1 Datasheet
115Kb / 4P
Light load efficiency: in accordance with ErP Lot 6 Tier2 requirements
15-Nov-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com