Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA138V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA138V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA138V1
Download  STEVAL-ISA138V1 Download
File Size   115.26 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Light load efficiency: in accordance with ErP Lot 6 Tier2 requirements

STEVAL-ISA138V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA138V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA138V1
Download  STEVAL-ISA138V1 Click to download

File Size   115.26 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Light load efficiency: in accordance with ErP Lot 6 Tier2 requirements

STEVAL-ISA138V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA138V1 Product details

Description
The STEVAL-ISA138V1 solution evaluation board is a 90 W, wide-range mains, power-factor corrected, AC-DC adapter. Its electrical specifications are tailored to a typical hi-end portable computer power adapter. The architecture is based on a two-stage approach: a front-end PFC pre-regulator based on the L6563H TM PFC controller and a downstream LLC resonant half bridge converter using the new L6699 resonant controller. Thanks to the chipset used, the main features of this design are very high overall efficiency, compliance with ENERGY STAR® eligibility criteria (EPA rev. 2.0 EPS), high efficiency even at light load, and compliance with the new ErP Lot 6 Tier2 requirements. No load input power consumption is very low also, well within the international regulation limits. The controller of the LLC stage is the L6699, integrating innovative functions such as selfadjusting adaptive dead-time, anti-capacitive mode protection and proprietary "safe-start" procedure to prevent hard switching at startup. November 2013 DocID025490 Rev 1 1/4 For further information contact your local STMicroelectronics sales office

Features
■ Universal input mains range: from 90 to 264 Vac - frequency from 45 to 65 Hz
■ Output voltage: 19 V at 4.75 A continuous operation
■ Mains harmonics: meets EN61000-3-2 Class-D and JEITA-MITI Class-D
■ No load mains consumption: in accordance with ENERGY STAR 2.0 for external power supplies
■ Average efficiency: in accordance with ENERGY STAR 2.0 for external power supplies
■ Light load efficiency: in accordance with ErP Lot 6 Tier2 requirements
■ EMI: within EN55022-Class-B limits
■ Safety: meets EN60950 standards
■ Dimensions: 65 x 151 mm, 25 mm maximum component height
■ PCB: double-side, 70 µm, FR-4, mixed PTH/SMT
■ RoHS compliant




Similar Part No. - STEVAL-ISA138V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
02-Aug-2013
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
30-Jan-2014
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
22-Jan-2013
STEVAL-ISA132V1 STMICROELECTRONICS-STEVAL-ISA132V1 Datasheet
316Kb / 4P
300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG
29-May-2015
More results


Similar Description - STEVAL-ISA138V1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
Light Load High Efficiency
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
Light Load High Efficiency
logo
List of Unclassifed Man...
1344184 ETC2-1344184 Datasheet
93Kb / 2P
Made in accordance with the performance requirements of Federal Spec
1344537 ETC2-1344537 Datasheet
93Kb / 2P
Made in accordance with the performance requirements of Federal Spec
1345123 ETC2-1345123 Datasheet
93Kb / 2P
Made in accordance with the performance requirements of Federal Spec
1347369 ETC2-1347369 Datasheet
92Kb / 2P
Made in accordance with the performance requirements of Federal Spec
1352275 ETC2-1352275 Datasheet
92Kb / 2P
Made in accordance with the performance requirements of Federal Spec
logo
STMicroelectronics
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
Complying with EuP Lot 6 requirements
08-Jan-2013
STEVAL-ISA121V1 STMICROELECTRONICS-STEVAL-ISA121V1 Datasheet
276Kb / 6P
Complies with EuP Lot 6 requirements
09-Jan-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com