Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA132V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA132V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA132V1
Download  STEVAL-ISA132V1 Download
File Size   316.82 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG

STEVAL-ISA132V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA132V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA132V1
Download  STEVAL-ISA132V1 Click to download

File Size   316.82 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG

STEVAL-ISA132V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA132V1 Product details

Description
The STEVAL-ISA132V1 evaluation board implements a converter capable of delivering 170 W of continuous power (VIN = 190 VAC to 264 VAC, VOUT = 24 V) and more than 300 W peak power for a limited time. The architecture of the board is based on a single-stage LLC resonant converter without PFC using the new L6699 resonant controller. The L6699 integrates some very innovative functions such as self-adjusting adaptive dead-time, anti-capacitive mode protection and proprietary “safe-start” procedure preventing hard switching at startup.

Features
● Input mains range: 190 to 264 VAC - frequency 50 Hz
● Output voltage: 24 V 5%
● No-load consumption: < 0.6 W
● Efficiency @ 230 VAC > 92%
● EMI: within EN55022 Class-B limits conducted pre-compliance
● Safety: meets EN60950-1
● Dimensions: 90 x 90 mm, 50 mm component maximum height
● Safe startup procedure to avoid hard switching
● Hard switching prevention in overload condition and low load condition
● Burst mode in low load condition with smooth restart to prevent audible noise
● Evaluation board can deliver more than 300 W peak power for a limited time by a thermal protection NTC positioned near output diodes
● Continuous power at 30 °C ambient temperature:170 W
● The power MOSFETs and diodes are both in D²PAK packages
● RoHS compliant




Similar Part No. - STEVAL-ISA132V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
02-Aug-2013
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
30-Jan-2014
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
22-Jan-2013
STEVAL-ISA133V1 STMICROELECTRONICS-STEVAL-ISA133V1 Datasheet
260Kb / 4P
Double output SMPS for power line applications using the ALTAIR04-900 primary controller
16-Apr-2013
More results


Similar Description - STEVAL-ISA132V1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD1500-90WLLC CIRRUS-CRD1500-90WLLC Datasheet
101Kb / 1P
CS1500 90W, High-efficiency PFC w/ LLC Resonant Converter Reference Design
logo
STMicroelectronics
STEVAL-ISA080V1 STMICROELECTRONICS-STEVAL-ISA080V1 Datasheet
88Kb / 4P
90 W HB LLC resonant converter demonstration board based on the L6585DE combo IC
25-Feb-2011
STEVAL-ISV009V1 STMICROELECTRONICS-STEVAL-ISV009V1 Datasheet
104Kb / 4P
300 W photovoltaic converter demonstration board based on the SPV1020
08-Aug-2011
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
400 W Continuous, 600 W Peak
logo
STMicroelectronics
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
EVL400W-80PL STMICROELECTRONICS-EVL400W-80PL Datasheet
2Mb / 9P
12 V - 400 W adapter based on L4985A, L6699 and SRK2001
05-Jul-2022
logo
Guangdong Youtai Semico...
PESD5V0S2BT UMW-PESD5V0S2BT Datasheet
621Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PESD5V2S2UT UMW-PESD5V2S2UT Datasheet
492Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PESD24VS2UT UMW-PESD24VS2UT Datasheet
555Kb / 4P
300 W peak pulse power (tp = 8/20μs)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com