Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA131V2 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA131V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA131V2
Download  STEVAL-ISA131V2 Download
File Size   155.72 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R

STEVAL-ISA131V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA131V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA131V2
Download  STEVAL-ISA131V2 Click to download

File Size   155.72 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R

STEVAL-ISA131V2 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA131V2 Product details

Description
STEVAL-ISA131V2 is an evaluation board designed around the ST1S15, a high efficiency miniaturized step-down converter able to provide 500 mA output current from an input voltage of 2.3 V to 5.5 V. This converter working at 6 MHz switching frequency and is specifically designed for applications where high efficiency and small application area are the key factors. July 2014 DocID025556 Rev 1 1/5 For further information contact your local STMicroelectronics sales office

Features
■ 85% typical efficiency
■ 500 mA output current capability
■ 45 μA typical quiescent current
■ PFM or PWM operation for best efficiency over whole load range
■ Ultra-fast load and line transient
■ Short-circuit and thermal protection
■ Tiny external components
■ Auto or forced PWM selection with dedicated pin
■ ST1S15J28R in Flip Chip 6 bumps Package
■ RoHS compliant




Similar Part No. - STEVAL-ISA131V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
30-Jan-2014
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
22-Jan-2013
More results


Similar Description - STEVAL-ISA131V2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
logo
STMicroelectronics
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
30-Jan-2014
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
22-Jan-2013
logo
Infineon Technologies A...
TLS4120D0EPV50 INFINEON-TLS4120D0EPV50 Datasheet
2Mb / 39P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
TLS4125D0EPV INFINEON-TLS4125D0EPV Datasheet
3Mb / 43P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
TLS4125D0EPV33 INFINEON-TLS4125D0EPV33 Datasheet
2Mb / 39P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
TLS4125D0EPV50 INFINEON-TLS4125D0EPV50 Datasheet
2Mb / 39P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com