Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA131V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA131V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA131V1
Download  STEVAL-ISA131V1 Download
File Size   187.63 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15

STEVAL-ISA131V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA131V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA131V1
Download  STEVAL-ISA131V1 Click to download

File Size   187.63 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15

STEVAL-ISA131V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA131V1 Product details

Description
The STEVAL-ISA131V1 is a product evaluation board designed around the ST1S15, a high efficiency miniaturized step-down converter capable to providing 500 mA of output current from an input voltage from 2.3 V to 5.5 V. This converter works at a 6 MHz switching frequency and is specifically designed for applications where high efficiency and small application area are key factors. STEVAL-ISA131V1

Features
■ 85% typical efficiency
■ 500 mA output current capability
■ 45 µA typical quiescent current
■ PFM or PWM operation for best efficiency over entire load range
■ Ultra-fast load and line transient
■ Short-circuit and thermal protection
■ Tiny external components
■ Auto or forced PWM selection with dedicated




Similar Part No. - STEVAL-ISA131V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
22-Jan-2013
More results


Similar Description - STEVAL-ISA131V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
logo
Texas Instruments
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
logo
STMicroelectronics
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
logo
Texas Instruments
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
logo
STMicroelectronics
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
22-Jan-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com