Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA130V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA130V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA130V1
Download  STEVAL-ISA130V1 Download
File Size   191.31 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN

STEVAL-ISA130V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA130V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA130V1
Download  STEVAL-ISA130V1 Click to download

File Size   191.31 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN

STEVAL-ISA130V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA130V1 Product details

Description
The STEVAL-ISA130V1 demonstration board
implements a non-isolated buck topology
regulator using the VIPer06, which supplies a 12
V output at up to 140 mA with an operating
frequency of 30 kHz.
The output voltage of this power supply can be
easily set by changing the value of one resistor.
The circuit can be powered by either 85 V to
265 V AC or 100 V to 375 V DC.

Features
 800 V avalanche-rugged power section
 PWM operation current mode controller
 Limiting current with adjustable set point
 Fixed frequency with jitter for EMI improvement
 Operating frequency: 30 kHz
 Input voltage range: 85 V to 265 V AC or 100 V
to 375 V DC
 Low power application without auxiliary
winding
 No load consumption below 30 mW @ 265 Vac
 On-board soft-start
 Auto-restart after a fault condition
 Feedback disconnection protection
 Hysteretic thermal shutdown
 RoHS compliant




Similar Part No. - STEVAL-ISA130V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
30-Jan-2014
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
22-Jan-2013
STEVAL-ISA132V1 STMICROELECTRONICS-STEVAL-ISA132V1 Datasheet
316Kb / 4P
300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG
29-May-2015
STEVAL-ISA133V1 STMICROELECTRONICS-STEVAL-ISA133V1 Datasheet
260Kb / 4P
Double output SMPS for power line applications using the ALTAIR04-900 primary controller
16-Apr-2013
More results


Similar Description - STEVAL-ISA130V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK405EG POWERINT-LNK405EG Datasheet
5Mb / 54P
12 W Non-Isolated, Buck Topology, Power Factor Corrected, LED Driver Using LinkSwitch짰-PH LNK405EG
logo
STMicroelectronics
STEVAL-ISA096V1 STMICROELECTRONICS-STEVAL-ISA096V1 Datasheet
238Kb / 4P
Auxiliary power supply in buck-boost topology based on the Viper06
18-Apr-2012
AN4164 STMICROELECTRONICS-AN4164 Datasheet
5Mb / 38P
This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
08-Feb-2013
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
May 2014 Rev 2
STEVAL-ISA129V1 STMICROELECTRONICS-STEVAL-ISA129V1 Datasheet
239Kb / 4P
16 V - 280 mA non isolated off-line high voltage converter based on the VIPer16
16-Apr-2013
STEVAL-ISA134V1 STMICROELECTRONICS-STEVAL-ISA134V1 Datasheet
240Kb / 4P
12 V - 4 W, 115 kHz isolated flyback based on the VIPer06
16-Apr-2013
STEVAL-ISA178V1 STMICROELECTRONICS-STEVAL-ISA178V1 Datasheet
234Kb / 4P
5 V / 200 mA high voltage buck-converter based on VIPer01
16-Sep-2016
STEVAL-ISA197V1 STMICROELECTRONICS-STEVAL-ISA197V1 Datasheet
215Kb / 4P
12 V, 7.8 W isolated flyback converter based on VIPer114LS
June 2017 Rev 1
STEVAL-VP22201B STMICROELECTRONICS-STEVAL-VP22201B Datasheet
264Kb / 6P
5 V - 360 mA buck converter based on VIPer222XSTR
Rev 1 - February 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com