Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-VP22201B Datasheet (PDF) - STMicroelectronics

STEVAL-VP22201B Datasheet PDF - STMicroelectronics
Part # STEVAL-VP22201B
Download  STEVAL-VP22201B Download
File Size   264.53 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V - 360 mA buck converter based on VIPer222XSTR

STEVAL-VP22201B Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-VP22201B Datasheet PDF - STMicroelectronics

Part # STEVAL-VP22201B
Download  STEVAL-VP22201B Click to download

File Size   264.53 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V - 360 mA buck converter based on VIPer222XSTR

STEVAL-VP22201B Datasheet (HTML) - STMicroelectronics


STEVAL-VP22201B Product details

Description
The STEVAL-VP22201B evaluation board implements a 5 V - 1.8 W isolated flyback converter developed for general purpose applications operating from 85 to 265 VAC. The reference design is built around the VIPer222XSTR offline high-voltage converter from the VIPerPlus family, with 730 V Power MOSFET and PWM currentmode control. The main characteristics of the evaluation board are its small size and minimal BOM, low stand-by consumption and tight line and load regulation over the entire input and output range. Extremely low consumption under no-load condition is ensured thanks to burst mode operation that reduces the average switching frequency and minimizes all frequency related losses. VIPer222XSTR operates at 30 kHz fixed frequency with frequency jittering to enable compliance with standards regarding electromagnetic disturbance. Product summary 5 V/360 mA buck converter based on VIPer222 STEVALVP22201B high performance, high voltage converter with embedded Power MOSFET and PWM control VIPer222

Features
■ Universal input mains range: 85–265 VAC
■ Frequency: 50-60Hz
■ Output voltage: 5 V
■ Output current: 360 mA
■ Very compact size
■ Stand-by mains consumption: < 18mW at 230 VAC
■ Tight line and load regulation over the entire input and output range
■ Meets IEC55022 Class B conducted EMI even with reduced EMI filter, thanks to the frequency jittering feature
■ RoHS compliant




Similar Part No. - STEVAL-VP22201B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
More results


Similar Description - STEVAL-VP22201B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2872 STMICROELECTRONICS-AN2872 Datasheet
587Kb / 23P
Super wide-range buck converter based on the VIPer16
23-Apr-2009
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
02-Aug-2013
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
STEVAL-ISA178V1 STMICROELECTRONICS-STEVAL-ISA178V1 Datasheet
234Kb / 4P
5 V / 200 mA high voltage buck-converter based on VIPer01
16-Sep-2016
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
STEVAL-A6986IV2 STMICROELECTRONICS-STEVAL-A6986IV2 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with single isolated output based on the A6986I
08-Mar-2021
logo
Silicon Mitus, Inc.
SM6003 SILICONMITUS-SM6003 Datasheet
359Kb / 1P
36 V, 600 mA Buck Converter
December 2017 Rev. 0.0.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com