Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6003 Datasheet (PDF) - Silicon Mitus, Inc.

SM6003 Datasheet PDF - Silicon Mitus, Inc.
Part # SM6003
Download  SM6003 Download
File Size   359.03 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description 36 V, 600 mA Buck Converter

SM6003 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6003 Datasheet PDF - Silicon Mitus, Inc.

Part # SM6003
Download  SM6003 Click to download

File Size   359.03 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description 36 V, 600 mA Buck Converter

SM6003 Datasheet (HTML) - Silicon Mitus, Inc.


SM6003 Product details

Features
 Qualified for Automotive Applications
 AEC-Q100 Qualified with the Following Results:
. Device Temperature Grade 1: -40 °C to 125 °C
 Ambient Operating Temperature Range
. Device HBM ESD Classification Level H1C
. Device CDM ESD Classification Level C4A
 4 V to 36 V Input Range
 600 mA Continuous Output Current
 Integrated Synchronous Rectification
 Current Mode Control
 Minimum Switch-On Time: 60 ns
 Internal Compensation for Ease of Use
 400 kHz Switching Frequency with PFM Mode
(Option 800 kHz, 1.2 MHz, 1.6 MHz, 2 MHz, 2.4 MHz)
 Frequency Synchronization to External Clock
 75 μA Quiescent Current at No Load
 Soft-Start into a Pre-Biased Load
 High Duty Cycle Operation Supported
 Output Short-Circuit Protection with Hiccup Mode
Protections
Applications
 Automotive Battery Regulation
 Industrial Power Supplies
 Telecom and Datacom Systems
 General Purpose Wide Vin Regulation




Similar Part No. - SM6003

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SM6003 SSOUSA-SM6003 Datasheet
223Kb / 7P
Built in active discharge circuit for fast turn-off
logo
Solid State Inc
SM6003 SOLIDSTATE-SM6003 Datasheet
234Kb / 7P
Compact 6 pin DIP/SMD package
More results


Similar Description - SM6003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
High Frequency 600-mA Synchronous Buck/Boost Converter
19-Apr-04
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
logo
Vishay Siliconix
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
High Frequency 600-mA Synchronous Buck/Boost Converter
08-Oct-07
logo
Texas Instruments
TPS560430 TI1-TPS560430 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430 TI1-TPS560430_17 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430 TI1-TPS560430_18 Datasheet
1Mb / 31P
SIMPLE SWITCHER 4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430-Q1 TI1-TPS560430-Q1 Datasheet
735Kb / 31P
SIMPLE SWITCHER 4-V to 36-V, 600-mA synchronous step-down converter
TPS560430-Q1 TI1-TPS560430-Q1_V01 Datasheet
736Kb / 31P
TPS560430-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 600-mA synchronous step-down converter
TPS629206-Q1 TI-TPS629206-Q1 Datasheet
3Mb / 51P
TPS629206-Q1 600-mA, 3-V to 17-V Automotive Low IQ Buck Converter
MARCH 2022
logo
Silicon Mitus, Inc.
SM6001 SILICONMITUS-SM6001 Datasheet
347Kb / 1P
36 V, 1 A Buck Converter
December 2017 Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com