Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6001 Datasheet (PDF) - Silicon Mitus, Inc.

SM6001 Datasheet PDF - Silicon Mitus, Inc.
Part # SM6001
Download  SM6001 Download
File Size   347.99 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description 36 V, 1 A Buck Converter

SM6001 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6001 Datasheet PDF - Silicon Mitus, Inc.

Part # SM6001
Download  SM6001 Click to download

File Size   347.99 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description 36 V, 1 A Buck Converter

SM6001 Datasheet (HTML) - Silicon Mitus, Inc.


SM6001 Product details

Features
 Qualified for Automotive Applications
 AEC-Q100 Qualified with the Following Results:
. Device Temperature Grade 1: -40 °C to 125 °C
 Ambient Operating Temperature Range
. Device HBM ESD Classification Level H1C
. Device CDM ESD Classification Level C4A
 4 V to 36 V Input Range
 1 A Continuous Output Current
 Integrated Synchronous Rectification
 Current Mode Control
 Minimum Switch-On Time: 60 ns
 Internal Compensation for Ease of Use
 400 kHz Switching Frequency with PFM Mode
(Option 800 kHz, 1.2 MHz, 1.6 MHz, 2 MHz, 2.4 MHz)
 Frequency Synchronization to External Clock
 75 μA Quiescent Current at No Load
 Soft-Start into a Pre-Biased Load
 High Duty Cycle Operation Supported
 Output Short-Circuit Protection with Hiccup Mode
Protections
Applications
 Automotive Battery Regulation
 Industrial Power Supplies
 Telecom and Datacom Systems
 General Purpose Wide Vin Regulation




Similar Part No. - SM6001

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM600 MICROSEMI-SM600 Datasheet
66Kb / 4P
SWITCHING REGULATOR POWER OUTPUT STAGES
logo
SUNMATE electronic Co.,...
SM600 SUNMATE-SM600 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SM600-110 SUNMATE-SM600-110 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SM600-150 SUNMATE-SM600-150 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SM600-160 SUNMATE-SM600-160 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
More results


Similar Description - SM6001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5161-Q1 TI1-LM5161-Q1 Datasheet
2Mb / 37P
Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
TPS55288 TI1-TPS55288 Datasheet
1,010Kb / 45P
TPS55288 36-V, 16-A Buck-boost Converter with I2C Interface
TPS552882 TI-TPS552882 Datasheet
2Mb / 34P
TPS552882 36-V, 16-A Buck-boost Converter
TPS552882-Q1 TI-TPS552882-Q1 Datasheet
3Mb / 41P
TPS552882-Q1 36-V, 16-A Buck-boost Converter
LMR54410 TI-LMR54410 Datasheet
1Mb / 27P
LMR544xx SIMPLE SWITCHER짰 4-V to 36-V, 0.6-A/1-A Buck Converter in a SOT-23 Package
SLUSEG8 ??OCTOBER 2021
TPS552882-Q1 TI-TPS552882-Q1_V01 Datasheet
3Mb / 44P
TPS552882-Q1 36-V, 16-A Buck-boost Converter
DECEMBER 2021
TPS552892 TI-TPS552892 Datasheet
2Mb / 35P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
DECEMBER 2022
TPS552892 TI-TPS552892_V01 Datasheet
2Mb / 37P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
REVISED APRIL 2023
logo
Silicon Mitus, Inc.
SM6003 SILICONMITUS-SM6003 Datasheet
359Kb / 1P
36 V, 600 mA Buck Converter
December 2017 Rev. 0.0.0
logo
Texas Instruments
TPS552872 TI1-TPS552872 Datasheet
2Mb / 35P
TPS552872, 36-V, 4-A, Fully Integrated Buck-boost Converter
AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com