Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA129V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA129V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA129V1
Download  STEVAL-ISA129V1 Download
File Size   239.99 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 V - 280 mA non isolated off-line high voltage converter based on the VIPer16

STEVAL-ISA129V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA129V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA129V1
Download  STEVAL-ISA129V1 Click to download

File Size   239.99 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 V - 280 mA non isolated off-line high voltage converter based on the VIPer16

STEVAL-ISA129V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA129V1 Product details

Description
The STEVAL-ISA129V1 demonstration board is a
16 V - 280 mA application set in non isolated
flyback topology using the VIPer16, a new off-line
high voltage converter by STMicroelectronics.
The VIPer16 features an 800 V avalanche rugged
power section, PWM operation at 115 kHz with
frequency jittering for lower EMI, limiting current
with adjustable set point, on-board soft-start, and
safe auto-restart after a fault condition.
Moreover, the VIPer16 can work with or without
the auxiliary winding. In the former case, it can
reach very low standby consumption (< 50 mW at
265 Vac), while in the latter the IC is supplied by
an internal current generator, thus eliminating the
cost of the transformer auxiliary winding.
• Protection features available include thermal
shutdown with hysteresis and delayed
overload protection.

Features
• Input voltage range VIN: 90 VRMS - 265 VRMS
• Output voltage VOUT: 16 V
• Max output current IOUT: 0.28 A
• Precision of output regulation VOUT_LF: ±5%
• High frequency output voltage ripple VOUT_HF:
50 mV
• Max ambient operating temperature TA: 60 °C
• RoHS compliant




Similar Part No. - STEVAL-ISA129V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA121V1 STMICROELECTRONICS-STEVAL-ISA121V1 Datasheet
276Kb / 6P
Complies with EuP Lot 6 requirements
09-Jan-2013
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
11-Feb-2013
STEVAL-ISA125V1 STMICROELECTRONICS-STEVAL-ISA125V1 Datasheet
160Kb / 4P
5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN
18-Jun-2013
STEVAL-ISA126V1 STMICROELECTRONICS-STEVAL-ISA126V1 Datasheet
167Kb / 4P
5 V-2 A, 115 kHz flyback with temporary extra-power management based on the VIPER28HN
10-Dec-2013
More results


Similar Description - STEVAL-ISA129V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
Ultra wide range dual output back converter demonstration board based on the VIPER16
06-May-2009
STEVAL-ISA058V1 STMICROELECTRONICS-STEVAL-ISA058V1 Datasheet
215Kb / 4P
5 W single output SMPS demonstration board based on the VIPer17 off-line high voltage converter
26-Aug-2009
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
11-Jun-2010
AN2872 STMICROELECTRONICS-AN2872 Datasheet
587Kb / 23P
Super wide-range buck converter based on the VIPer16
23-Apr-2009
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
02-Aug-2013
STEVAL-ISA178V1 STMICROELECTRONICS-STEVAL-ISA178V1 Datasheet
234Kb / 4P
5 V / 200 mA high voltage buck-converter based on VIPer01
16-Sep-2016
logo
Monolithic Power System...
MP171 MPS-MP171 Datasheet
516Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
MP172 MPS-MP172 Datasheet
519Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 120 mA Output Current
MP173 MPS-MP173 Datasheet
539Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com