Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA125V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA125V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA125V1
Download  STEVAL-ISA125V1 Download
File Size   160.07 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN

STEVAL-ISA125V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA125V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA125V1
Download  STEVAL-ISA125V1 Click to download

File Size   160.07 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN

STEVAL-ISA125V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA125V1 Product details

Description
The STEVAL-ISA125V1 is a 5 V, 2 A
demonstration application with 3.3 A peak current
capability of 1.9 sec, using the new VIPer28LN
offline high-voltage converter from
STMicroelectronics.
In some applications, an SMPS can have load
peaks which may be two or more times as high as
the power it is supposed to deliver, though only
for a short time compared to the thermal time
constants of the power components. Typical
examples of such loads include printers and
audio systems.
In such cases, it is more cost-effective to
thermally design the system for maximum
continuous power and not for peak power
demand, which is sustained only for a limited
time.
Such a design is possible thanks to the EPT
function of the VIPer28LN, which allows
designers to fix the maximum time window during
which the converter is able to manage the peak
power and still maintain output voltage regulation.
If the overload period exceeds the time window,
the converter is automatically shut down and
enters auto-restart mode until the overload is
removed, thus preventing damage to the power
components.

Features
• Input voltage range: 90 VRMS - 265 VRMS
• Output voltage: 5 V
• Max output current: IOUT max = 2 A
• Peak output current: IOUT pk = 3 A
• Precision of output regulation: ΔVOUT_LF ±5%
• High frequency output voltage ripple:
ΔVOUT_HF = 50 mV
• Max ambient operating temperature: TA =
60 ºC
• 800 V avalanche-rugged power section
• PWM operation at 60 kHz with frequency
jittering for lower EMI
• Limiting current with adjustable set point
• On-board soft-start
• Safe auto-restart after a fault condition; low
standby power (< 50 mW at 265 Vac).
• Adjustable, accurate overvoltage protection,
thermal shutdown with hysteresis, delayed
overload protection




Similar Part No. - STEVAL-ISA125V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA121V1 STMICROELECTRONICS-STEVAL-ISA121V1 Datasheet
276Kb / 6P
Complies with EuP Lot 6 requirements
09-Jan-2013
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
11-Feb-2013
STEVAL-ISA126V1 STMICROELECTRONICS-STEVAL-ISA126V1 Datasheet
167Kb / 4P
5 V-2 A, 115 kHz flyback with temporary extra-power management based on the VIPER28HN
10-Dec-2013
STEVAL-ISA129V1 STMICROELECTRONICS-STEVAL-ISA129V1 Datasheet
239Kb / 4P
16 V - 280 mA non isolated off-line high voltage converter based on the VIPer16
16-Apr-2013
More results


Similar Description - STEVAL-ISA125V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL042V1 STMICROELECTRONICS-STEVAL-ILL042V1 Datasheet
200Kb / 4P
60 W high power factor flyback LED driver based on the L6562AT and TSM101
20-Mar-2012
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA126V1 STMICROELECTRONICS-STEVAL-ISA126V1 Datasheet
167Kb / 4P
5 V-2 A, 115 kHz flyback with temporary extra-power management based on the VIPER28HN
10-Dec-2013
STEVAL-ISA134V1 STMICROELECTRONICS-STEVAL-ISA134V1 Datasheet
240Kb / 4P
12 V - 4 W, 115 kHz isolated flyback based on the VIPer06
16-Apr-2013
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
13-Dec-2016
STEVAL-ISA197V1 STMICROELECTRONICS-STEVAL-ISA197V1 Datasheet
215Kb / 4P
12 V, 7.8 W isolated flyback converter based on VIPer114LS
June 2017 Rev 1
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
STEVAL-A6986IV2 STMICROELECTRONICS-STEVAL-A6986IV2 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with single isolated output based on the A6986I
08-Mar-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com