Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA115V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA115V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA115V1
Download  STEVAL-ISA115V1 Download
File Size   119.71 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS

STEVAL-ISA115V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA115V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA115V1
Download  STEVAL-ISA115V1 Click to download

File Size   119.71 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS

STEVAL-ISA115V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA115V1 Product details

Description
The STEVAL-ISA115V1 evaluation board is a 12
V / 0.15 A power supply set in buck topology with
the VIPER06XS, a new off-line high voltage
converter by STMicroelectronics.
The features of the device include an 800 V
avalanche rugged power section, PWM operation
at 30 kHz with frequency jittering for lower EMI,
current limiting with adjustable set point, onboard
soft-start, a safe auto-restart after a fault
condition and low standby power consumption.
Available protection features include thermal
shutdown with hysteresis, delayed overload
protection and open loop failure protection. All
protection is auto-restart mode.

Features
• Universal input mains range:
− input voltage: 90 VAC - 264 VAC
− frequency: 45 Hz - 65 Hz
• Single-output voltage: 12 V @ 0.15 A
continuous operation
• Standby mains consumption: < 50 mW @
265 VAC
• Average efficiency: > 75%
• Fully protected against faults (overload,
feedback disconnection and overheating)
• EMI: in accordance with EN55022-Class-B
• RoHS compliant




Similar Part No. - STEVAL-ISA115V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
Complying with EuP Lot 6 requirements
08-Jan-2013
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
More results


Similar Description - STEVAL-ISA115V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-49 POWERINT-DER-49 Datasheet
578Kb / 17P
3W Non-Isolated Buck-Boost Converter using LNK305P
DER-92 POWERINT-DER-92 Datasheet
251Kb / 14P
0.5W Non-Isolated Buck-Boost Converter using the LNK302P
logo
STMicroelectronics
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
4 W, 12 V output, isolated flyback converter using VIPer™Plus - VIPER06HS
08-May-2014
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
3W, 5V output, isolated flyback converter using VIPer™ Plus - VIPER06HN
May 2014 Rev 2
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
02-Sep-2016
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
logo
Infineon Technologies A...
ICE5BR2280BZ INFINEON-ICE5BR2280BZ Datasheet
1Mb / 23P
700 mA non-isolated high-voltage buck evaluation board using ICE5BR2280BZ
V 1.0 2022-06-15
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com