Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA140V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA140V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA140V1
Download  STEVAL-ISA140V1 Download
File Size   190.53 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE

STEVAL-ISA140V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA140V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA140V1
Download  STEVAL-ISA140V1 Click to download

File Size   190.53 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE

STEVAL-ISA140V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA140V1 Product details

Description
The STEVAL-ISA140V1 is a 15 W wide range evaluation board based on the Viper37HE. It is designed as an example of an isolated auxiliary power supply.
The board and the transformer were designed and optimized in order to have a very compact size evaluation board.

Features
• AC Main Input voltage range: 100 VAC to 265 VAC
• Mains frequency (fL): 50 Hz / 60 Hz
• Output voltage typ: 12 V
• Output current: 1.25 A
• Output ripple voltage: 50 mV
• Rated output power: 15 W
• Input power in standby @230 VAC: 50 mW
• Active mode efficiency: 78%
• Ambient operating temperature: 60 °C
• RoHS compliant




Similar Part No. - STEVAL-ISA140V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
250 W ATX SMPS evaluation board
January 2014 Rev 1
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
More results


Similar Description - STEVAL-ISA140V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-48 POWERINT-DER-48 Datasheet
657Kb / 2P
1.6W Dual Output Flyback Converter using LNK304P
DER-106 POWERINT-DER-106 Datasheet
939Kb / 29P
15W Flyback Power Supply using TOP244P
logo
STMicroelectronics
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
May 2014 Rev 2
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
4 W, 12 V output, isolated flyback converter using VIPer™Plus - VIPER06HS
08-May-2014
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
3W, 5V output, isolated flyback converter using VIPer™ Plus - VIPER06HN
May 2014 Rev 2
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
02-Sep-2016
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
Isolated Flyback Converter
09.Dec.2022 Rev.004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com