Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA142V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA142V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA142V1
Download  STEVAL-ISA142V1 Download
File Size   219.65 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 W, wide-range, high power factor flyback converter using the L6564

STEVAL-ISA142V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA142V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA142V1
Download  STEVAL-ISA142V1 Click to download

File Size   219.65 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 W, wide-range, high power factor flyback converter using the L6564

STEVAL-ISA142V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA142V1 Product details

Description
The STEVAL-ISA142V1 product evaluation board implements a 50 W, wide-range mains input, power factor-corrected power supply suitable for all low power applications requiring a high power factor, such as lighting applications and LED power supplies. Use of the low-cost L6564 combined with simple flyback topology provide a very competitive solution.

Features
■ Line voltage range: 90 to 265 VAC
■ Minimum line frequency (fl): 47-63 Hz
■ Minimum switching frequency: 44 KHz
■ Reflected voltage: 140 V
■ Regulated output voltage: 24 V
■ Rated output power: 50 W
■ Power factor (load ≥ 50%): 0.9 minimum
■ Minimum efficiency at full load: 88%
■ Maximum 2 fl output voltage ripple: 1.1 V pk- pk (VIN=230 VAC, Pout=50 W)
■ Maximum ambient temperature: 50 °C
■ Conducted EMI: in accordance with EN55022 class-B
■ PCB type and size: single-sided, 35 um, CEM-1, 140 x 60 mm
■ RoHS compliant




Similar Part No. - STEVAL-ISA142V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
250 W ATX SMPS evaluation board
January 2014 Rev 1
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
More results


Similar Description - STEVAL-ISA142V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-58 POWERINT-DER-58 Datasheet
883Kb / 22P
3W Wide Range Flyback Power Supply using LNK304P
DER-105 POWERINT-DER-105 Datasheet
605Kb / 24P
19.3 W Wide Range Flyback Power Supply using TOP243Y
logo
STMicroelectronics
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
50 W wide-range high power factor flyback converter demonstration board based on the L6564
11-Jun-2012
AN2838 STMICROELECTRONICS-AN2838 Datasheet
1Mb / 23P
35 W wide-range high power factor flyback converter evaluation
20-Jan-2014
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
High power factor flyback converter using the L6564
12-Jan-2015
AN4314 STMICROELECTRONICS-AN4314 Datasheet
2Mb / 31P
25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
29-Jul-2013
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
10 W wide range - high power factor - isolated LED driver using HVLED815PF
29-Oct-2013
AN4376 STMICROELECTRONICS-AN4376 Datasheet
3Mb / 37P
10 W wide range non-isolated high power factor LED driver using HVLED815PF
09-Jan-2014
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA182V1 STMICROELECTRONICS-STEVAL-ISA182V1 Datasheet
212Kb / 4P
8.4 W / 30 W peak power offline flyback converter using VIPER38HD
03-Oct-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com