Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA144V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA144V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA144V1
Download  STEVAL-ISA144V1 Download
File Size   194.28 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5 A step-down switching regulator evaluation board based on the L5983

STEVAL-ISA144V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA144V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA144V1
Download  STEVAL-ISA144V1 Click to download

File Size   194.28 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5 A step-down switching regulator evaluation board based on the L5983

STEVAL-ISA144V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA144V1 Product details

Description
The STEVAL-ISA144V1 product evaluation board provides the design engineer with a fully functional step-down switching regulator with an output current of up to 1.5 A. The L5983 integrates STMicroelectronics’ step-down switching regulator, together with all the external components required for a typical application. The rated voltage of the input capacitor and Schottky diode rectifier’s repetitive peak reverse voltage are both 25 V, making the board capable of covering the entire 2.9 V - 18 V input voltage range of the L5983 device. The board features an external resistor divider (R1 and R2) designed for an output voltage of 3.3 V. The output voltage can be set to a level from 0.6 V up to the rated voltage of the output capacitor (16 V). The compensation network on the evaluation board allows the use of MLCC as output filter to keep the loop stable. The inductor saturation current and forward current of the Schottky diode are within the current limit values. The switching frequency on the board is set to 500 kHz by means of the R5 resistor connected to

Features
■ 1.5 A DC output current
■ 2.9 V to 18 V input voltage
■ Output voltage adjustable from 0.6 V to 16 V
■ 250 kHz switching frequency, programmable up to 1 MHz
■ Internal soft-start and inhibit
■ Low dropout operation: 100% duty cycle
■ Zero-load current operation
■ Overcurrent and thermal protection
■ VFQFPN8 3 mm x 3 mm package
■ RoHS compliant




Similar Part No. - STEVAL-ISA144V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
250 W ATX SMPS evaluation board
January 2014 Rev 1
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
More results


Similar Description - STEVAL-ISA144V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
1.5 A step-down switching regulator based on the L5973AD
22-Aug-2012
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
STEVAL-ISA154V1 STMICROELECTRONICS-STEVAL-ISA154V1 Datasheet
98Kb / 4P
0.7 A step-down switching regulator evaluation board based on the L5980
15-Apr-2014
STEVAL-ISA188V1 STMICROELECTRONICS-STEVAL-ISA188V1 Datasheet
232Kb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F3V3
02-Feb-2016
STEVAL-ISA189V1 STMICROELECTRONICS-STEVAL-ISA189V1 Datasheet
231Kb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F5V
02-Feb-2016
STEVAL-ISA190V1 STMICROELECTRONICS-STEVAL-ISA190V1 Datasheet
306Kb / 5P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F
04-May-2016
STEVAL-ISA201V1 STMICROELECTRONICS-STEVAL-ISA201V1 Datasheet
275Kb / 4P
3 A step-down switching regulator evaluation board based on the L5987
15-Mar-2017
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com