Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA145V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA145V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA145V1
Download  STEVAL-ISA145V1 Download
File Size   488.59 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 W ATX SMPS evaluation board

STEVAL-ISA145V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA145V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA145V1
Download  STEVAL-ISA145V1 Click to download

File Size   488.59 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 W ATX SMPS evaluation board

STEVAL-ISA145V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA145V1 Product details

Description
The STEVAL-ISA145V1 system evaluation board is a 250 W power supply unit that implements an ATX like (multiple output configuration) or a server like (single output configuration) design. The STEVAL-ISA145V1 has been certified by ECOS Consulting committee compliant to the 80 PLUS® specifications.

Features
■ Input mains range: VIN: 88 ~ 264 VRMS frequency: 45 ~ 66 Hz
■ Outputs: +12 VDC ± 2% - 13.5 A, +5 VDC ± 2%
■ 12 A, +3.3 VDC ± 2% - 8 A, +5 VSTBY ± 2% - 2 A
■ Standby consumption: < 0.2 W
■ Protection features: short-circuit overload, output overvoltage brownout
■ PCB type and size: FR4 double-sided, CU 70 µm, 148 x 120 mm
■ Safety: in accordance with EN60950
■ EMI: in accordance with EN55022 - class B
■ RoHS compliant




Similar Part No. - STEVAL-ISA145V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
More results


Similar Description - STEVAL-ISA145V1

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI250F4BB SPI-SPI250F4BB Datasheet
76Kb / 1P
250 Watts FLEX ATX Power Supply
logo
Infineon Technologies A...
EVAL3DS01G28W INFINEON-EVAL3DS01G28W Datasheet
3Mb / 15P
28W-LCD ??Monitor SMPS Evaluation Board with ICE3DS01G
Version 1.2, Aug 2010
logo
Copal Electronics
AN14 COPAL-AN14 Datasheet
654Kb / 10P
W-52EVAL1 EVALUATION BOARD FOR W-52 WHITE LED DRIVER
AN24 COPAL-AN24 Datasheet
107Kb / 9P
W-6237EVAL2 EVALUATION BOARD FOR W-6237
AN26 COPAL-AN26 Datasheet
161Kb / 8P
W-6137EVAL1 EVALUATION BOARD FOR W-6137
logo
Infineon Technologies A...
ICE2QR2280G-1 INFINEON-ICE2QR2280G-1_15 Datasheet
797Kb / 14P
20 W 5 V SMPS Evaluation Board with Quasi- Resonant CoolSET??ICE2QR2280G-1
Revision 1.1, 2015-04-02
logo
STMicroelectronics
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
6 W 3-phase SMPS for metering evaluation board
06-Dec-2007
STEVAL-ISA060V1 STMICROELECTRONICS-STEVAL-ISA060V1 Datasheet
119Kb / 4P
6 W single output SMPS demonstration board
February 2009 Rev 1
logo
Infineon Technologies A...
AN-EVAL-3AR4780VJZ INFINEON-AN-EVAL-3AR4780VJZ Datasheet
2Mb / 25P
12W 5V SMPS evaluation board with ICE3AR4780VJZ
Revision 1.2, 2015-05-12
logo
ON Semiconductor
NCL2801LED2GEVB ONSEMI-NCL2801LED2GEVB Datasheet
1Mb / 14P
Deep Dimming LED Driver 150 W Evaluation Board
March, 2020 ??Rev. 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com