Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA146V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA146V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA146V1
Download  STEVAL-ISA146V1 Download
File Size   124.59 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A step-down switching evaluation board based on the ST1S50

STEVAL-ISA146V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA146V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA146V1
Download  STEVAL-ISA146V1 Click to download

File Size   124.59 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A step-down switching evaluation board based on the ST1S50

STEVAL-ISA146V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA146V1 Product details

Description
The STEVAL-ISA146V1 is a product evaluation board used to evaluate the ST1S50, a 500 kHz fixed-frequency PWM synchronous step-down regulator. The ST1S50 operates from a 4.0 V to 18 V input, while it regulates an output voltage as low as 0.8 V and up to 0.88 x VIN. April 2014 DocID026180 Rev 1 1/4 For further information contact your local STMicroelectronics sales office

Features
■ 4 A output current
■ 4.0 V to 18 V input voltage
■ Output voltage adjustable from 0.8 V to 0.88 x VIN
■ 500 kHz switching frequency
■ High efficiency at light load
■ Programmable soft-start and enable
■ Integrated 95 mW and 69 mW power MOSFETs
■ All ceramic capacitor
■ Power Good
■ Cycle-by-cycle current limiting
■ Short-circuit protection
■ Hysteretical thermal shutdown
■ RoHS compliant




Similar Part No. - STEVAL-ISA146V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
250 W ATX SMPS evaluation board
January 2014 Rev 1
More results


Similar Description - STEVAL-ISA146V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
0.7 A step-down switching regulator demonstration board based on the L5980
02-Mar-2009
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
1 A step-down switching regulator demonstration board based on the L5981
02-Mar-2009
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA154V1 STMICROELECTRONICS-STEVAL-ISA154V1 Datasheet
98Kb / 4P
0.7 A step-down switching regulator evaluation board based on the L5980
15-Apr-2014
STEVAL-ISA201V1 STMICROELECTRONICS-STEVAL-ISA201V1 Datasheet
275Kb / 4P
3 A step-down switching regulator evaluation board based on the L5987
15-Mar-2017
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com