Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA154V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA154V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA154V1
Download  STEVAL-ISA154V1 Download
File Size   98.71 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.7 A step-down switching regulator evaluation board based on the L5980

STEVAL-ISA154V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA154V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA154V1
Download  STEVAL-ISA154V1 Click to download

File Size   98.71 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.7 A step-down switching regulator evaluation board based on the L5980

STEVAL-ISA154V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA154V1 Product details

Description
The STEVAL-ISA154V1 product evaluation board
provides the design engineer with a fully
functional step-down switching regulator with an
output current of up to 0.7 A. The STEVALISA154V1 integrates STMicroelectronics' L5980
step-down switching regulator together with all
the external components required for a typical
application. The rated voltage of the input
capacitor and the Schottky diode rectifier
repetitive peak reverse voltage are both 25 V,
making the board capable of covering the entire
2.9 V - 18 V input voltage range of the L5980
device. The board features an external resistor
divider (R1 and R2) designed for an output
voltage of 3.3 V. The output voltage can be set to
a level from 0.6 V up to the rated voltage of the
output capacitor (16 V). The compensation
network on the evaluation board allows the use of
an MLCC as output filter to keep the loop stable.
The inductor saturation current and forward
current of the Schottky diode are within the
current limit values. The switching frequency on
the board is set to 500 kHz by means of the R5
resistor connected to pin Fsw.

Features
• 0.7 A DC output current
• 2.9 V to 18 V input voltage
• Output voltage adjustable from 0.6 V to 16 V
• 250 kHz switching frequency, programmable
up to 1 MHz
• Internal soft-start and inhibit
• Low dropout operation: 100% duty cycle
• Zero-load current operation
• Overcurrent and thermal protection
• VFQFPN8 (3 x 3 mm) package




Similar Part No. - STEVAL-ISA154V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA152V1 STMICROELECTRONICS-STEVAL-ISA152V1 Datasheet
137Kb / 4P
3 A DC output current
09-May-2014
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
STEVAL-ISA158V1 STMICROELECTRONICS-STEVAL-ISA158V1 Datasheet
281Kb / 5P
Embedded output voltage supervisor
15-Jan-2015
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
Thermal shutdown
May 2015 Rev 2
More results


Similar Description - STEVAL-ISA154V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
1.5 A step-down switching regulator based on the L5973AD
22-Aug-2012
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
0.7 A step-down switching regulator demonstration board based on the L5980
02-Mar-2009
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
1 A step-down switching regulator demonstration board based on the L5981
02-Mar-2009
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
STEVAL-ISA201V1 STMICROELECTRONICS-STEVAL-ISA201V1 Datasheet
275Kb / 4P
3 A step-down switching regulator evaluation board based on the L5987
15-Mar-2017
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com