Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL5980 Datasheet (PDF) - STMicroelectronics

EVAL5980 Datasheet PDF - STMicroelectronics
Part # EVAL5980
Download  EVAL5980 Download
File Size   287.34 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.7 A step-down switching regulator demonstration board based on the L5980

EVAL5980 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL5980 Datasheet PDF - STMicroelectronics

Part # EVAL5980
Download  EVAL5980 Click to download

File Size   287.34 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.7 A step-down switching regulator demonstration board based on the L5980

EVAL5980 Datasheet (HTML) - STMicroelectronics


EVAL5980 Product details

Description
The EVAL5980 demonstration board provides the design engineer with a fully functional step-down switching regulator with an output current of up to 0.7 A. The L5980 integrates STMicroelectronics step-down switching regulator, together with all the external components required for a typical application. The rated voltage of the input capacitor and the Schottky diode rectifier repetitive peak reverse voltage are both 25 V, making the board capable of covering the entire 2.9 V - 18 V input voltage range of the L5980 device. The board features an external resistor divider (R1 and R2) designed for an output voltage of 3.3 V. The output voltage can be set to a level from 0.6 V up to the rated voltage of the output capacitor (16 V). The compensation network on the demonstration board allows the use of MLCC as output filter to keep the loop stable. The inductor saturation current and forward current of the Schottky diode are within the current limit values. The switching frequency on the demonstration board is set to 500 kHz by means of the R5 resistor connected to pin Fsw. !-V EVAL5980 EVAL5980 0.7 A step-down switching regulator demonstration board based on the L5980

Features
■ 0.7 A DC output current
■ 2.9 V to 18 V input voltage
■ Output voltage adjustable from 0.6 V to 16 V
■ 250 kHz switching frequency, programmable up to 1 MHz
■ Internal soft-start and inhibit
■ Low dropout operation: 100 % duty cycle
■ Zero-load current operation
■ Over-current and thermal protection
■ VFQFPN8 3 mm x 3 mm package




Similar Part No. - EVAL5980

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
1 A step-down switching regulator demonstration board based on the L5981
02-Mar-2009
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
EVAL5986 STMICROELECTRONICS-EVAL5986 Datasheet
289Kb / 6P
2.5 A step-down switching regulator demonstration board based on the L5986, L5986A
29-Oct-2009
EVAL5987 STMICROELECTRONICS-EVAL5987 Datasheet
285Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
More results


Similar Description - EVAL5980

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
EVAL5986 STMICROELECTRONICS-EVAL5986 Datasheet
289Kb / 6P
2.5 A step-down switching regulator demonstration board based on the L5986, L5986A
29-Oct-2009
EVAL5987A STMICROELECTRONICS-EVAL5987A Datasheet
286Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
STEVAL-ISA091V1 STMICROELECTRONICS-STEVAL-ISA091V1 Datasheet
104Kb / 4P
2 A step-down switching power supply demonstration board based on the L7980 (QFN)
23-Dec-2011
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
STEVAL-ISA097V1 STMICROELECTRONICS-STEVAL-ISA097V1 Datasheet
309Kb / 4P
2 A step-down switching demonstration board based on the L7985 in DFN10 package
27-Apr-2012
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
1 A step-down switching regulator demonstration board based on the L5981
02-Mar-2009
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
EVAL5987 STMICROELECTRONICS-EVAL5987 Datasheet
285Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
STEVAL-ISA154V1 STMICROELECTRONICS-STEVAL-ISA154V1 Datasheet
98Kb / 4P
0.7 A step-down switching regulator evaluation board based on the L5980
15-Apr-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com