Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA177V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA177V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA177V1
Download  STEVAL-ISA177V1 Download
File Size   273.75 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01

STEVAL-ISA177V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA177V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA177V1
Download  STEVAL-ISA177V1 Click to download

File Size   273.75 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01

STEVAL-ISA177V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA177V1 Product details

Description
The STEVAL-ISA177V1 evaluation board implements a wide-range converter in flyback non isolated topology, delivering 0.85 A on a 5 V output for general purpose applications. The core of the application is the new VIPer01 offline high voltage converter from the VIPerPlus range that intelligently integrates an 800 V rugged power MOSFET with PWM current-mode control. The main characteristics of the evaluation board are its single layer, small size with minimal BOM, high efficiency and low standby consumption.




Similar Part No. - STEVAL-ISA177V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA170V1 STMICROELECTRONICS-STEVAL-ISA170V1 Datasheet
537Kb / 4P
RoHS compliant
April 2015 Rev 1
STEVAL-ISA175V1 STMICROELECTRONICS-STEVAL-ISA175V1 Datasheet
230Kb / 5P
Meets STCOMET smart meter and power
29-Apr-2016
STEVAL-ISA176V1 STMICROELECTRONICS-STEVAL-ISA176V1 Datasheet
266Kb / 5P
ALTAIR05T-800 5 W wide range CV-CC optoless adapter evaluation board
19-Oct-2015
STEVAL-ISA178V1 STMICROELECTRONICS-STEVAL-ISA178V1 Datasheet
234Kb / 4P
5 V / 200 mA high voltage buck-converter based on VIPer01
16-Sep-2016
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
More results


Similar Description - STEVAL-ISA177V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
May 2014 Rev 2
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
4 W, 12 V output, isolated flyback converter using VIPer™Plus - VIPER06HS
08-May-2014
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
3W, 5V output, isolated flyback converter using VIPer™ Plus - VIPER06HN
May 2014 Rev 2
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA178V1 STMICROELECTRONICS-STEVAL-ISA178V1 Datasheet
234Kb / 4P
5 V / 200 mA high voltage buck-converter based on VIPer01
16-Sep-2016
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
STEVAL-ISA196V1 STMICROELECTRONICS-STEVAL-ISA196V1 Datasheet
211Kb / 4P
5 V / 1.2 A non-isolated flyback converter using VIPerPlus ??VIPer114LS
19-Sep-2017
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com