Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-48 Datasheet (PDF) - Power Integrations, Inc.

DER-48 Datasheet PDF - Power Integrations, Inc.
Part # DER-48
Download  DER-48 Download
File Size   657.34 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 1.6W Dual Output Flyback Converter using LNK304P

DER-48 Datasheet (PDF)

Go To PDF Page Download Datasheet
DER-48 Datasheet PDF - Power Integrations, Inc.

Part # DER-48
Download  DER-48 Click to download

File Size   657.34 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 1.6W Dual Output Flyback Converter using LNK304P

DER-48 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - DER-48

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-40 POWERINT-DER-40 Datasheet
1Mb / 30P
21W (45W peak) Multiple Output Power Supply using TOP246Y
DER-41 POWERINT-DER-41 Datasheet
1Mb / 22P
3.7W Power Supply Using TNY263P
DER-42 POWERINT-DER-42 Datasheet
966Kb / 19P
2.25W Power Supply using LNK520P
DER-43 POWERINT-DER-43 Datasheet
988Kb / 23P
24.5W Power Supply using DPA424G
DER-44 POWERINT-DER-44 Datasheet
1Mb / 30P
41W (53Wpk) Power Supply using TOP246Y
More results


Similar Description - DER-48

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
Current-Mode PWM Multiple Output Flyback Converter
logo
Power Integrations, Inc...
DER-58 POWERINT-DER-58 Datasheet
883Kb / 22P
3W Wide Range Flyback Power Supply using LNK304P
DER-120 POWERINT-DER-120 Datasheet
1Mb / 25P
22 W Triple Output Flyback Converter using DPA424R
DER-121 POWERINT-DER-121 Datasheet
537Kb / 24P
13.1 W AC-DC Flyback Converter Using TNY268P
EPR-48 POWERINT-EPR-48 Datasheet
1Mb / 20P
Engineering Prototype Report for EP48 - 1.4 W Non-Isolated Buck Converter Using LNK304P
logo
STMicroelectronics
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
High power factor flyback converter using the L6564
12-Jan-2015
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
4 W, 12 V output, isolated flyback converter using VIPer™Plus - VIPER06HS
08-May-2014
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
3W, 5V output, isolated flyback converter using VIPer™ Plus - VIPER06HN
May 2014 Rev 2
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA192V1 STMICROELECTRONICS-STEVAL-ISA192V1 Datasheet
256Kb / 5P
7 W dual output flyback converter with standby managed by capacitive touch using VIPer0P and STM32L
16-Feb-2017
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com