Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA111V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA111V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA111V1
Download  STEVAL-ISA111V1 Download
File Size   809.97 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wide-range single-output demonstration board based on the VIPER26HN

STEVAL-ISA111V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA111V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA111V1
Download  STEVAL-ISA111V1 Click to download

File Size   809.97 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wide-range single-output demonstration board based on the VIPER26HN

STEVAL-ISA111V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA111V1 Product details

Description
The STEVAL-ISA111V1 demonstration board is a
12 V, 1 A power supply set in non-isolated flyback
topology using the VIPER26HN, the new offline
high voltage converter by STMicroelectronics.
The features include an 800 V avalanche rugged
power section, PWM operation at 115 kHz with
frequency jittering for lower EMI, current limiting
with adjustable set point, onboard soft-start, a
safe auto-restart after a fault condition and a low
standby power. The protections include thermal
shutdown with hysteresis, delayed overload
protection, and open loop failure protection.

Features
■ Universal input mains range:
– input voltage 90 - 264 VAC
– frequency 45 - 65 Hz
■ Single-output voltage: 12 V at 1 A continuous
operation
■ Standby mains consumption: < 30 mW at
230 VAC
■ Average efficiency: > 80%
■ Fully protected against faults (overload,
feedback disconnection and overheating)
■ EMI: according to EN55022-Class-B
■ RoHS compliant




Similar Part No. - STEVAL-ISA111V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
Complying with EuP Lot 6 requirements
08-Jan-2013
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
May 2014 Rev 2
More results


Similar Description - STEVAL-ISA111V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
Demonstration board on 7 W single output based on the VIPer17
05-Jun-2008
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-MKI072V1 STMICROELECTRONICS-STEVAL-MKI072V1 Datasheet
119Kb / 4P
MEMS demonstration board based on the LY3100ALH analog output single-axis gyroscope
17-Nov-2010
STEVAL-MKI073V1 STMICROELECTRONICS-STEVAL-MKI073V1 Datasheet
118Kb / 4P
MEMS demonstration board based on the LY3200ALH analog output single-axis gyroscope
17-Aug-2010
EVLVIP37LE5V3A STMICROELECTRONICS-EVLVIP37LE5V3A Datasheet
243Kb / 6P
Wide range single-output demonstration board based on the VIPER37LE
16-May-2012
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
Ultra wide range dual output back converter demonstration board based on the VIPER16
06-May-2009
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
11-Feb-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com