Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA133V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA133V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA133V1
Download  STEVAL-ISA133V1 Download
File Size   260.27 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Double output SMPS for power line applications using the ALTAIR04-900 primary controller

STEVAL-ISA133V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA133V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA133V1
Download  STEVAL-ISA133V1 Click to download

File Size   260.27 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Double output SMPS for power line applications using the ALTAIR04-900 primary controller

STEVAL-ISA133V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA133V1 Product details

Description
The STEVAL-ISA133V1 demonstration board implements a 7.5 W double output wide range mains adapter with constant-voltage/constantcurrent, designed as an innovative AC-DC adapter to supply a complete power line communication system based on the ST7580. The power supply provides a 13 V output voltage to supply the power line modem (PLM) and the analog circuitry, and a post-regulated 3.3 volts to supply digital circuitry and an optional external microcontroller. The STEVAL-ISA133V1 demonstration board uses the new ALTAIR04-900, a quasi-resonant (QR) current-mode controller IC specifically designed for QR ZVS (zero voltage switching at switch turn-on) flyback converters, which combines a high-performance low-voltage PWM controller chip and a typical 16 RDSon, 900 V, avalanche-rugged power MOSFET in the same

Features
■ Universal input mains range: 90 264 Vac - frequency 45 65 Hz
■ Double output voltage: 13V @ 0.55 A and 3.3 V @ 100 mA peak power
■ Optoless constant-voltage/constant-current output regulation
■ Meets power line communication system specifications with the ST7580
■ Average efficiency: > 70%
■ EMI: in accordance with EN55022-Class-B




Similar Part No. - STEVAL-ISA133V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
02-Aug-2013
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
30-Jan-2014
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
22-Jan-2013
STEVAL-ISA132V1 STMICROELECTRONICS-STEVAL-ISA132V1 Datasheet
316Kb / 4P
300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG
29-May-2015
More results


Similar Description - STEVAL-ISA133V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
STMicroelectronics
AN3290 STMICROELECTRONICS-AN3290 Datasheet
3Mb / 34P
Reference design for double output SMPS for power line
26-Apr-2011
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 2
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
logo
ON Semiconductor
NCP1362 ONSEMI-NCP1362 Datasheet
639Kb / 30P
Primary Side PWM Controller for Low Power Offline SMPS
July, 2020 ??Rev. 2
NCP1362 ONSEMI-NCP1362_V01 Datasheet
646Kb / 31P
Primary Side PWM Controller for Low Power Offline SMPS
June, 2021 - Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com