Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3988 Datasheet (PDF) - Diodes Incorporated

AP3988 Datasheet PDF - Diodes Incorporated
Part # AP3988
Download  AP3988 Download
File Size   395.84 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS

AP3988 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3988 Datasheet PDF - Diodes Incorporated

Part # AP3988
Download  AP3988 Click to download

File Size   395.84 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS

AP3988 Datasheet (HTML) - Diodes Incorporated


AP3988 Product details

Description
The AP3988/89/90 is a performance enhanced power switcher for power supplies with better conversion efficiency, better voltage & current accuracy, and improved protection functions. Typical applications include charger, adapter for ADSL, home appliance power supply, LED lighting power supply and PC auxiliary power supplies. The controller regulates the output voltage and current in the primary side by piece-wise Pulse Frequency Modulation (pPFM) in discontinuous conduction mode (DCM). The system operating frequency reduces linearly from heavy load to light load in each interval of the p-PFM, and enters constant current mode when the load current equals to the maximum system output current.
   
Features
• Primary Side Control for Eliminating Opto-coupler and
    Secondary CV/CC Control Circuitry
• Built-in NPN Transistor with 700VCBO
• Low Start-up Current: 0.2A (Typ.)
• Internal Output Cable Voltage Drop Compensation
• Hiccup Function to Improve Short Circuit Protection
• Better Over Voltage Protection
• Better Over Temperature Protection
• Low Total Cost Solution
• Output Power Range (Note 1):
    AP3988 for 5.5W Adapter
    AP3989 for 8W Adapter
    AP3990 for 12W Adapter
• Totally Lead-free & Fully RoHS Compliant (Note 2 & 3)
• Halogen and Antimony Free. “Green” Device (Note 4)
   
Applications
• Adapters
• Set Top Boxes
• Auxiliary Supplies
• Appliances
   




Similar Part No. - AP3988

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3988I-HF A-POWER-AP3988I-HF Datasheet
99Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3988I-HF A-POWER-AP3988I-HF_14 Datasheet
99Kb / 4P
Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF Datasheet
129Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
Fast Switching Characteristic
More results


Similar Description - AP3988

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3983B DIODES-AP3983B Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 2
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
AP3987CT DIODES-AP3987CT Datasheet
559Kb / 15P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev. 2 - 2 June 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com