Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3988 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3988
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3988 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3988 Datasheet HTML 1Page - Diodes Incorporated AP3988 Datasheet HTML 2Page - Diodes Incorporated AP3988 Datasheet HTML 3Page - Diodes Incorporated AP3988 Datasheet HTML 4Page - Diodes Incorporated AP3988 Datasheet HTML 5Page - Diodes Incorporated AP3988 Datasheet HTML 6Page - Diodes Incorporated AP3988 Datasheet HTML 7Page - Diodes Incorporated AP3988 Datasheet HTML 8Page - Diodes Incorporated AP3988 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP3988
Document number: DS36722 Rev. 4 - 2
3 of 12
www.diodes.com
June 2014
© Diodes Incorporated
AP3988
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
1
CPC
This pin connects a capacitor to GND for output cable compensation
2
FB
The voltage feedback from auxiliary winding
3
VCC
This pin receives rectified voltage from the auxiliary winding of the transformer
4
CS
Current sense for primary side of transformer
5, 6
C
This pin is connected with an internal power BJT’s collector
7
GND
This pin is the signal reference ground
Functional Block Diagram
Regulator
&
Bias
OVP
OCkP
OTP
PFM
UVLO
CV_ctrl
PFM
Driver
R Q
S
R
Q
S
FB
CS
CPC
VCC
CS
GND
Constant Voltage Control
Cable Compensation
Constant Current
Control
0.05V
VFB_ref
3
4
7
1
2
VCSN(N=1,2,3)
COMP
Peak Current Control
LEB
Frequency Dither
VCSN Select
Dynamic
Response
Pro
Dyn
Shutdown
Pre_Shutdown
Line
Comp.
tONS
tONS, NL and LL
Detector
OSC
UV
UV
Vload
Vally
ON
Vload
CC_ctrl
Max Tonp
Rcs Short
Output Short
tONS
LL
NL
CPC
tOSC
Detect
Pulse
(LL+NL)Bar
NL
Vload
UV
CV_M
DetectON
DetectON
LL
Vload
VCSN(N=1,2,3)
tosc NL LL
C
5, 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com