Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3988 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3988
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3988 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3988 Datasheet HTML 1Page - Diodes Incorporated AP3988 Datasheet HTML 2Page - Diodes Incorporated AP3988 Datasheet HTML 3Page - Diodes Incorporated AP3988 Datasheet HTML 4Page - Diodes Incorporated AP3988 Datasheet HTML 5Page - Diodes Incorporated AP3988 Datasheet HTML 6Page - Diodes Incorporated AP3988 Datasheet HTML 7Page - Diodes Incorporated AP3988 Datasheet HTML 8Page - Diodes Incorporated AP3988 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP3988
Document number: DS36722 Rev. 4 - 2
2 of 12
www.diodes.com
June 2014
© Diodes Incorporated
AP3988
A Product Line of
Diodes Incorporated
Typical Applications Circuit
+
J1
AC 90-264V
D1 to D4
C2
Rf1
+
C1
D6
L1
T1
FB
C
VCC
CS
+
C3
U1
CPC
C8
R5
C11
Np
L2
Nfb
D5
C5
R6
Vo+
Vo-
GND
D12
+
C12
R11
R12
R10
R3
R8
R9
R7
For AP3988 (5V/1A)
Item
Function
QTY
Item
Function
QTY
C1,C2
4.7µF/400V, electrolytic
2
Rf1
10
Ω/1W, fuse resistor
1
C3
4.7µF/50V, electrolytic
1
R3
3.3M
/0.25W
1
C5
1nF/250V, ceramic
1
R5
3.9
, 0805
1
C8
0.01µF, 0805
1
R6
150k
, 1206
1
C11
1nF, 0805
1
R7
2.7
, 1206
1
C12
680µF/10V
1
R8
75k
, 0805
1
D1 to D6
1N4007, rectifier diode
6
R9
43k
, 0805
1
D12
APD340,Schottky diode
1
R10
200
, 0805
1
L1
1mH, inductor
1
R11
27
, 0805
1
L2
Bead, 0805
1
R12
1.5k
, 0805
1
U1
AP3988, SO-7
1
T1
EE13 core, PC40, transformer
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com