Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3987CT Datasheet (PDF) - Diodes Incorporated

AP3987CT Datasheet PDF - Diodes Incorporated
Part # AP3987CT
Download  AP3987CT Download
File Size   559.57 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS

AP3987CT Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3987CT Datasheet PDF - Diodes Incorporated

Part # AP3987CT
Download  AP3987CT Click to download

File Size   559.57 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS

AP3987CT Datasheet (HTML) - Diodes Incorporated


AP3987CT Product details

Features
- Primary-Side Control for Eliminating Opto-Coupler
- 10mW No-Load Input Power
- Built-In 650V High Performance MOSFET
- Flyback Topology in DCM Operation
- Built-In 0.35V Cable Compensation for CV
- Multiple PWM/PFM Control Mode to Improve Audio Noise and
Efficiency
- VCS Jitter to Reduce System EMI
- Valley-On for the Higher Efficiency and Better EMI
- Multiple Protections:
- Over Voltage Protection (OVP)
- Output Short Circuit Protection (SCP)
- Transformer Saturation Protection (TSP) via Primary
Peak Current Limitation
- Internal and External Over Temperature Protection (OTP)
- Matching AP4341 with Schottky or APR3415CT Series
Synchronous Rectifier Solution
- SO-7 Package
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)

Applications
- Adapter/Chargers for Shaver, Cell/Cordless Phones, PDAs, MP3
and Other Portable Apparatus
- Standby and Auxiliary Power Supplies




Similar Part No. - AP3987CT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3987I A-POWER-AP3987I Datasheet
122Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3987I A-POWER-AP3987I_14 Datasheet
122Kb / 5P
Fast Switching Characteristic
AP3987P A-POWER-AP3987P Datasheet
101Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3987P-HF A-POWER-AP3987P-HF_14 Datasheet
36Kb / 2P
Fast Switching Characteristic
AP3987P-HF A-POWER-AP3987P-HF_16 Datasheet
56Kb / 5P
Fast Switching Characteristic
More results


Similar Description - AP3987CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983B DIODES-AP3983B Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 2
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com