Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3987CT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3987CT
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3987CT Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3987CT Datasheet HTML 1Page - Diodes Incorporated AP3987CT Datasheet HTML 2Page - Diodes Incorporated AP3987CT Datasheet HTML 3Page - Diodes Incorporated AP3987CT Datasheet HTML 4Page - Diodes Incorporated AP3987CT Datasheet HTML 5Page - Diodes Incorporated AP3987CT Datasheet HTML 6Page - Diodes Incorporated AP3987CT Datasheet HTML 7Page - Diodes Incorporated AP3987CT Datasheet HTML 8Page - Diodes Incorporated AP3987CT Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP3987CT
Document number: DS41644 Rev. 2 - 2
2 of 15
www.diodes.com
June 2019
© Diodes Incorporated
AP3987CT
Typical Applications Circuit
+
U2
APR 3415CT
R10
VCC
AREF
DRAIN
DRAIN
GND
GND
VDET
DRISR
R11
C6
R8
C7
C2
FR1
D5
T1
D
R6
D
GND
R5
R7
OTP
U1
VCC
CS
5V/1.5A
D1 to D4
R2
R1
C3
D6
CY
AP3987CT
C1
Np
Na
+
+
L1
R3
2
3
4
5
6
7
C5
Ns
R9
C8
FB
1
C4
+
L2
R4
5V/1.5A Solution with AP3987CT+APR3415CT
Pin Descriptions
Pin Number
Pin Name
Function
1
FB
The Voltage Feedback from Auxiliary Winding
2
OTP
The External Over Temperature Protection
3
VCC
Supply Voltage Pin
4
CS
Current Sense for Primary Side of Transformer
5, 6
D
This pin is connected with an internal power MOSFET
’s drain
7
GND
This pin is the signal reference ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com